Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB2530-0000-000N0UT230Q Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB2530-0000-000N0UT230Q
Description  XLamp LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB2530-0000-000N0UT230Q Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB2530-0000-000N0UT230Q Datasheet HTML 3Page - Cree, Inc CXB2530-0000-000N0UT230Q Datasheet HTML 4Page - Cree, Inc CXB2530-0000-000N0UT230Q Datasheet HTML 5Page - Cree, Inc CXB2530-0000-000N0UT230Q Datasheet HTML 6Page - Cree, Inc CXB2530-0000-000N0UT230Q Datasheet HTML 7Page - Cree, Inc CXB2530-0000-000N0UT230Q Datasheet HTML 8Page - Cree, Inc CXB2530-0000-000N0UT230Q Datasheet HTML 9Page - Cree, Inc CXB2530-0000-000N0UT230Q Datasheet HTML 10Page - Cree, Inc CXB2530-0000-000N0UT230Q Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB2530 LED
rELativE LuMinous fLuX vs. CurrEnt (t
J = 85 °C)
The relative luminous flux values provided below are the ratio of measurements of the CXB2530 LED at steady‑state operation at the given
conditions, divided by flux measured during binning, which is a pulsed measurement at 800 mA at T
J = 85 °C.
For example, at steady‑state operation of Tc = 25 °C, I
F = 1080 mA, the relative luminous flux ratio is 140% in the chart below. A CXB2530
LED that measures 3200 lm during binning will deliver 4480 lm (3200 * 1.4) at steady‑state operation of Tc = 25 °C, I
F = 1080 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
300
560
820
1080
1340
1600
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Similar Part No. - CXB2530-0000-000N0UT230Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB2540 CREE-CXB2540 Datasheet
2Mb / 15P
   XLamp LED
logo
Cree LED
CXB2540 CREELED-CXB2540 Datasheet
2Mb / 19P
   XLamp® CXB2540 LED
REV 10A
logo
Cree, Inc
CXB2540-0000-000N0BW440E CREE-CXB2540-0000-000N0BW440E Datasheet
2Mb / 15P
   XLamp LED
logo
Cree LED
CXB2540-0000-000N0BW440E CREELED-CXB2540-0000-000N0BW440E Datasheet
2Mb / 19P
   XLamp® CXB2540 LED
REV 10A
logo
Cree, Inc
CXB2540-0000-000N0BW450E CREE-CXB2540-0000-000N0BW450E Datasheet
2Mb / 15P
   XLamp LED
More results

Similar Description - CXB2530-0000-000N0UT230Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com