Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SAR533P Datasheet(PDF) 2 Page - Rohm

Part # 2SAR533P
Description  PNP -3.0A -50V Middle Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR533P Datasheet(HTML) 2 Page - Rohm

  2SAR533P_14 Datasheet HTML 1Page - Rohm 2SAR533P_14 Datasheet HTML 2Page - Rohm 2SAR533P_14 Datasheet HTML 3Page - Rohm 2SAR533P_14 Datasheet HTML 4Page - Rohm 2SAR533P_14 Datasheet HTML 5Page - Rohm 2SAR533P_14 Datasheet HTML 6Page - Rohm 2SAR533P_14 Datasheet HTML 7Page - Rohm 2SAR533P_14 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SAR533P
lElectrical characteristics(Ta = 25°C)
*1 Pulsed
*2 See switching time test circuit
lSwitching time test circuit
-
ns
ns
Storage time
tstg
*2
-
250
-
ns
Turn-on time
ton
*2
IC= -1.5A
IB1= -150mA
IB2=150mA
VCC⋍ -10V
-
45
-
Fall time
tf
*2
-
35
MHz
Output capacitance
Cob
VCB = -10V, IE = 0A
f = 1MHz
-
24
-
pF
Transition frequency
fT
VCE = -10V, IE = -500mA
f=100MHZ
-
300
-
V
DC current gain
hFE
VCE = -3V, IC = -50mA
180
-
450
-
Collector-emitter
saturation voltage
VCE(sat)
*1
IC = -1A, IB = -50mA
-
-0.20
-0.40
mA
Emitter cut-off current
IEBO
VEB = -4V
-
-
-1
mA
Collector cut-off current
ICBO
VCB = -50V
-
-
-1
V
Emitter-base
breakdown voltage
BVEBO
IE = -100mA
-6
-
-
V
Collector-base
breakdown voltage
BVCBO
IC = -100mA
-50
-
-
Unit
Collector-emitter
breakdown voltage
BVCEO
IC = -1mA
-50
-
-
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
2/6
2014.02 - Rev.C


Similar Part No. - 2SAR533P_14

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
More results

Similar Description - 2SAR533P_14

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
   PNP -3.0A -50V Middle Power Transistor
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
   NPN 3.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
   NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
   PNP -3.0A -30V Middle Power Transistor
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
   PNP -3.0A -30V Middle Power Transistor
2SAR573D3 ROHM-2SAR573D3 Datasheet
1Mb / 11P
   PNP -3.0A -50V Power Transistor
2SAR573D3FRA ROHM-2SAR573D3FRA Datasheet
1Mb / 10P
   PNP -3.0A -50V Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com