Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1816-0000-000N0HQ235G Datasheet(PDF) 4 Page - Cree, Inc

Part # CXB1816-0000-000N0HQ235G
Description  XLamp LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1816-0000-000N0HQ235G Datasheet(HTML) 4 Page - Cree, Inc

  CXB1816-0000-000N0HQ235G Datasheet HTML 1Page - Cree, Inc CXB1816-0000-000N0HQ235G Datasheet HTML 2Page - Cree, Inc CXB1816-0000-000N0HQ235G Datasheet HTML 3Page - Cree, Inc CXB1816-0000-000N0HQ235G Datasheet HTML 4Page - Cree, Inc CXB1816-0000-000N0HQ235G Datasheet HTML 5Page - Cree, Inc CXB1816-0000-000N0HQ235G Datasheet HTML 6Page - Cree, Inc CXB1816-0000-000N0HQ235G Datasheet HTML 7Page - Cree, Inc CXB1816-0000-000N0HQ235G Datasheet HTML 8Page - Cree, Inc CXB1816-0000-000N0HQ235G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® CXB1816 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp CXB1816 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-Step
Min
typ
group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
group
order Code
3500 K
80
---
P4
1965
2162
35H
CXB1816-0000-
000N0HP435H
35G
CXB1816-0000-
000N0HP435G
Q2
2100
2311
CXB1816-0000-
000N0HQ235H
CXB1816-0000-
000N0HQ235G
90
92
N4
1710
1882
35H
CXB1816-0000-
000N0UN435H
35G
CXB1816-0000-
000N0UN435G
P2
1830
2014
CXB1816-0000-
000N0UP235H
CXB1816-0000-
000N0UP235G
3000 K
80
---
P4
1965
2162
30H
CXB1816-0000-
000N0HP430H
30G
CXB1816-0000-
000N0HP430G
Q2
2100
2311
CXB1816-0000-
000N0HQ230H
CXB1816-0000-
000N0HQ230G
90
92
N2
1590
1750
30H
CXB1816-0000-
000N0UN230H
30G
CXB1816-0000-
000N0UN230G
N4
1710
1882
CXB1816-0000-
000N0UN430H
CXB1816-0000-
000N0UN430G
90
92
M4
1485
1634
30Q
30U
CXB1816-0000-
000N0UM430U
N2
1590
1750
CXB1816-0000-
000N0UN230Q
CXB1816-0000-
000N0UN230U
N4
1710
1882
CXB1816-0000-
000N0UN430Q
CXB1816-0000-
000N0UN430U
2700 K
80
---
P2
1830
2014
27H
CXB1816-0000-
000N0HP227H
27G
CXB1816-0000-
000N0HP227G
P4
1965
2162
CXB1816-0000-
000N0HP427H
CXB1816-0000-
000N0HP427G
90
92
M4
1485
1634
27H
CXB1816-0000-
000N0UM427H
27G
CXB1816-0000-
000N0UM427G
N2
1590
1750
CXB1816-0000-
000N0UN227H
CXB1816-0000-
000N0UN227G
fLuX CharaCtEristiCs, EasyWhitE® orDEr CoDEs anD Bins (i
f = 450 ma, tJ = 85 °C) - Continued


Similar Part No. - CXB1816-0000-000N0HQ235G

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
   Laser Diode Driver
More results

Similar Description - CXB1816-0000-000N0HQ235G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com