Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1512-0000-000F0UK427H Datasheet(PDF) 6 Page - Cree, Inc

Part # CXB1512-0000-000F0UK427H
Description  XLamp LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1512-0000-000F0UK427H Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXB1512-0000-000F0UK427H Datasheet HTML 2Page - Cree, Inc CXB1512-0000-000F0UK427H Datasheet HTML 3Page - Cree, Inc CXB1512-0000-000F0UK427H Datasheet HTML 4Page - Cree, Inc CXB1512-0000-000F0UK427H Datasheet HTML 5Page - Cree, Inc CXB1512-0000-000F0UK427H Datasheet HTML 6Page - Cree, Inc CXB1512-0000-000F0UK427H Datasheet HTML 7Page - Cree, Inc CXB1512-0000-000F0UK427H Datasheet HTML 8Page - Cree, Inc CXB1512-0000-000F0UK427H Datasheet HTML 9Page - Cree, Inc CXB1512-0000-000F0UK427H Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® CXB1512 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp CXB1512 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LeDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LeDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 36 V (i
f = 350 ma, tJ = 85 °C)
The following table provides order codes for XLamp CXB1512 LeDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 16).
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
group
order Code
6500 K
70
---
N4
1710
1871
65e
CXB1512-0000-
000N0BN465e
P2
1830
2002
CXB1512-0000-
000N0BP265e
80
---
N2
1590
1739
65e
CXB1512-0000-
000N0HN265e
N4
1710
1871
CXB1512-0000-
000N0HN465e
5700 K
70
---
N4
1710
1871
57e
CXB1512-0000-
000N0BN457e
P2
1830
2002
CXB1512-0000-
000N0BP257e
80
---
N2
1590
1739
57e
CXB1512-0000-
000N0HN257e
N4
1710
1871
CXB1512-0000-
000N0HN457e
5000 K
70
---
N4
1710
1871
50e
CXB1512-0000-
000N0BN450e
P2
1830
2002
CXB1512-0000-
000N0BP250e
80
---
N2
1590
1739
50G
CXB1512-0000-
000N0HN250G
50e
CXB1512-0000-
000N0HN250e
N4
1710
1871
CXB1512-0000-
000N0HN450G
CXB1512-0000-
000N0HN450e
90
92
M4
1485
1625
50G
CXB1512-0000-
000N0UM450G
N2
1590
1739
CXB1512-0000-
000N0UN250G
4000 K
70
---
N4
1710
1871
40e
CXB1512-0000-
000N0BN440e
P2
1830
2002
CXB1512-0000-
000N0BP240e
80
---
N2
1590
1739
40H
CXB1512-0000-
000N0HN240H
40G
CXB1512-0000-
000N0HN240G
N4
1710
1871
CXB1512-0000-
000N0HN440H
CXB1512-0000-
000N0HN440G
90
92
M2
1380
1510
40H
CXB1512-0000-
000N0UM240H
40G
CXB1512-0000-
000N0UM240G
M4
1485
1625
CXB1512-0000-
000N0UM440H
CXB1512-0000-
000N0UM440G


Similar Part No. - CXB1512-0000-000F0UK427H

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1512-0000-000F0UK427H CREELED-CXB1512-0000-000F0UK427H Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
More results

Similar Description - CXB1512-0000-000F0UK427H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com