Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB3070-0000-000N0UZ235H Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB3070-0000-000N0UZ235H
Description  XLamp LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB3070-0000-000N0UZ235H Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB3070-0000-000N0UZ235H Datasheet HTML 3Page - Cree, Inc CXB3070-0000-000N0UZ235H Datasheet HTML 4Page - Cree, Inc CXB3070-0000-000N0UZ235H Datasheet HTML 5Page - Cree, Inc CXB3070-0000-000N0UZ235H Datasheet HTML 6Page - Cree, Inc CXB3070-0000-000N0UZ235H Datasheet HTML 7Page - Cree, Inc CXB3070-0000-000N0UZ235H Datasheet HTML 8Page - Cree, Inc CXB3070-0000-000N0UZ235H Datasheet HTML 9Page - Cree, Inc CXB3070-0000-000N0UZ235H Datasheet HTML 10Page - Cree, Inc CXB3070-0000-000N0UZ235H Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB3070 LED
tyPiCaL sPatiaL DistriBution
PErforManCE grouPs - BrightnEss (i
f = 1900 ma, tJ = 85 °C)
XLamp CXB3070 LEDs are tested for luminous flux and placed into one of the following bins.
group Code
Minimum Luminous flux Maximum Luminous flux
Y4
6910
7390
Z2
7390
7945
Z4
7945
8500
AB
8500
9000
AD
9000
9500
BB
9500
10,000
BD
10,000
11,000
CB
11,000
12,000
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


Similar Part No. - CXB3070-0000-000N0UZ235H

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB3070-0000-000N0UZ235H CREELED-CXB3070-0000-000N0UZ235H Datasheet
2Mb / 14P
   XLamp® CXB3070 LED
REV 7A
More results

Similar Description - CXB3070-0000-000N0UZ235H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com