Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB2530-0000-000N0US435H Datasheet(PDF) 5 Page - Cree, Inc

Part # CXB2530-0000-000N0US435H
Description  XLamp LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB2530-0000-000N0US435H Datasheet(HTML) 5 Page - Cree, Inc

  CXB2530-0000-000N0US435H Datasheet HTML 1Page - Cree, Inc CXB2530-0000-000N0US435H Datasheet HTML 2Page - Cree, Inc CXB2530-0000-000N0US435H Datasheet HTML 3Page - Cree, Inc CXB2530-0000-000N0US435H Datasheet HTML 4Page - Cree, Inc CXB2530-0000-000N0US435H Datasheet HTML 5Page - Cree, Inc CXB2530-0000-000N0US435H Datasheet HTML 6Page - Cree, Inc CXB2530-0000-000N0US435H Datasheet HTML 7Page - Cree, Inc CXB2530-0000-000N0US435H Datasheet HTML 8Page - Cree, Inc CXB2530-0000-000N0US435H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® CXB2530 LED
rELativE sPECtraL PoWEr DistriBution
The following graph is the result of a series of pulsed measurements at 800 mA and T
J = 85 °C.
Relative Spectral Power Distribution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000 K, 70 CRI
4000 K, 70 CRI
3000 K, 80 CRI
Relative Spectral Power Distribution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
30G, 3000 K, 90 CRI
30Q, 3000 K, 90 CRI
30U, 3000 K, 90 CRI


Similar Part No. - CXB2530-0000-000N0US435H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB2540 CREE-CXB2540 Datasheet
2Mb / 15P
   XLamp LED
logo
Cree LED
CXB2540 CREELED-CXB2540 Datasheet
2Mb / 19P
   XLamp® CXB2540 LED
REV 10A
logo
Cree, Inc
CXB2540-0000-000N0BW440E CREE-CXB2540-0000-000N0BW440E Datasheet
2Mb / 15P
   XLamp LED
logo
Cree LED
CXB2540-0000-000N0BW440E CREELED-CXB2540-0000-000N0BW440E Datasheet
2Mb / 19P
   XLamp® CXB2540 LED
REV 10A
logo
Cree, Inc
CXB2540-0000-000N0BW450E CREE-CXB2540-0000-000N0BW450E Datasheet
2Mb / 15P
   XLamp LED
More results

Similar Description - CXB2530-0000-000N0US435H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com