Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1304-0000-000C0UA435G Datasheet(PDF) 9 Page - Cree, Inc

Part # CXB1304-0000-000C0UA435G
Description  XLamp LED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1304-0000-000C0UA435G Datasheet(HTML) 9 Page - Cree, Inc

Back Button CXB1304-0000-000C0UA435G Datasheet HTML 5Page - Cree, Inc CXB1304-0000-000C0UA435G Datasheet HTML 6Page - Cree, Inc CXB1304-0000-000C0UA435G Datasheet HTML 7Page - Cree, Inc CXB1304-0000-000C0UA435G Datasheet HTML 8Page - Cree, Inc CXB1304-0000-000C0UA435G Datasheet HTML 9Page - Cree, Inc CXB1304-0000-000C0UA435G Datasheet HTML 10Page - Cree, Inc CXB1304-0000-000C0UA435G Datasheet HTML 11Page - Cree, Inc CXB1304-0000-000C0UA435G Datasheet HTML 12Page - Cree, Inc CXB1304-0000-000C0UA435G Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc.. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® CXB1304 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp CXB1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
3500 K
80
---
B4
410
453
35H
CXB1304-0000-
000N0HB435H
35G
CXB1304-0000-
000N0HB435G
C2
440
486
CXB1304-0000-
000N0HC235H
CXB1304-0000-
000N0HC235G
90
92
A4
355
392
35H
CXB1304-0000-
000N0UA435H
35G
CXB1304-0000-
000N0UA435G
B2
380
420
CXB1304-0000-
000N0UB235H
CXB1304-0000-
000N0UB235G
3000 K
80
---
B4
410
453
30H
CXB1304-0000-
000N0HB430H
30G
CXB1304-0000-
000N0HB430G
C2
440
486
CXB1304-0000-
000N0HC230H
CXB1304-0000-
000N0HC230G
90
92
A4
355
392
30H
CXB1304-0000-
000N0UA430H
30G
CXB1304-0000-
000N0UA430G
B2
380
420
CXB1304-0000-
000N0UB230H
CXB1304-0000-
000N0UB230G
2700 K
80
---
B4
410
453
27H
CXB1304-0000-
000N0HB427H
27G
CXB1304-0000-
000N0HB427G
C2
440
486
CXB1304-0000-
000N0HC227H
CXB1304-0000-
000N0HC227G
90
92
A2
330
364
27H
CXB1304-0000-
000N0UA227H
27G
CXB1304-0000-
000N0UA227G
A4
355
392
CXB1304-0000-
000N0UA427H
CXB1304-0000-
000N0UA427G
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 36 V (i
f = 100 ma, tJ = 85 °C) - COnTinUed


Similar Part No. - CXB1304-0000-000C0UA435G

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1304-0000-000C0UA435G CREELED-CXB1304-0000-000C0UA435G Datasheet
3Mb / 34P
   XLamp® CXB1304 LED
REV 9A
More results

Similar Description - CXB1304-0000-000C0UA435G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com