Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5712CCDL2-I4T1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-5712CCDL2-I4T1U
Description  LOW VOLTAGE OPERATION
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5712CCDL2-I4T1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-5712CCDL2-I4T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5712CCDL2-I4T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5712CCDL2-I4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5712CCDL2-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5712CCDL2-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5712CCDL2-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5712CCDL2-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5712CCDL2-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5712CCDL2-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S-5712 Series
Rev.4.6_00
4
3. Product name list
3. 1 SOT-23-3
3. 1. 1 Nch open-drain output product
Table 2
Product Name
Operating Cycle
(tCYCLE)
Output Form
Pole Detection
Detection Logic
for Magnetism
Magnetic Sensitivity
(BOP)
S-5712ANDL0-M3T1U
50.50 ms typ.
Nch open-drain output
Both poles
Active "L"
1.8 mT typ.
S-5712ANDL1-M3T1U
50.50 ms typ.
Nch open-drain output
Both poles
Active "L"
3.0 mT typ.
S-5712ANDL2-M3T1U
50.50 ms typ.
Nch open-drain output
Both poles
Active "L"
4.5 mT typ.
S-5712ANSL1-M3T1U
50.85 ms typ.
Nch open-drain output
S pole
Active "L"
3.0 mT typ.
S-5712ANSL2-M3T1U
50.85 ms typ.
Nch open-drain output
S pole
Active "L"
4.5 mT typ.
S-5712ANSH1-M3T1U
50.85 ms typ.
Nch open-drain output
S pole
Active "H"
3.0 mT typ.
S-5712BNDL2-M3T1U
204.10 ms typ.
Nch open-drain output
Both poles
Active "L"
4.5 mT typ.
Remark Please contact our sales office for products other than the above.
3. 1. 2 CMOS output product
Table 3
Product Name
Operating Cycle
(tCYCLE)
Output Form
Pole Detection
Detection Logic
for Magnetism
Magnetic Sensitivity
(BOP)
S-5712ACDL1-M3T1U
50.50 ms typ.
CMOS output
Both poles
Active "L"
3.0 mT typ.
S-5712ACDL2-M3T1U
50.50 ms typ.
CMOS output
Both poles
Active "L"
4.5 mT typ.
S-5712ACDH1-M3T1U
50.50 ms typ.
CMOS output
Both poles
Active "H"
3.0 mT typ.
S-5712ACDH2-M3T1U
50.50 ms typ.
CMOS output
Both poles
Active "H"
4.5 mT typ.
S-5712ACSL1-M3T1U
50.85 ms typ.
CMOS output
S pole
Active "L"
3.0 mT typ.
S-5712ACSL2-M3T1U
50.85 ms typ.
CMOS output
S pole
Active "L"
4.5 mT typ.
S-5712ACNL1-M3T1U
50.85 ms typ.
CMOS output
N pole
Active "L"
3.0 mT typ.
S-5712ACNL2-M3T1U
50.85 ms typ.
CMOS output
N pole
Active "L"
4.5 mT typ.
S-5712CCDL1-M3T1U
5.70 ms typ.
CMOS output
Both poles
Active "L"
3.0 mT typ.
S-5712CCSL1-M3T1U
6.05 ms typ.
CMOS output
S pole
Active "L"
3.0 mT typ.
Remark Please contact our sales office for products other than the above.


Similar Part No. - S-5712CCDL2-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712CCDL1-I4T1U SII-S-5712CCDL1-I4T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5712CCDL1-M3T1U SII-S-5712CCDL1-M3T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results

Similar Description - S-5712CCDL2-I4T1U

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
   Low voltage operation
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
   Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
   Low Voltage Operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
   Low-voltage Operation
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
   Low voltage operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
   Low voltage/ Low current operation
2013-09-03
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
   Low voltage operation (2.5V)
AMS431LV AMS-AMS431LV Datasheet
600Kb / 8P
   Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
ATMEL Corporation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com