Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1816-0000-000N00P430H Datasheet(PDF) 9 Page - Cree, Inc

Part # CXA1816-0000-000N00P430H
Description  XLamp LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N00P430H Datasheet(HTML) 9 Page - Cree, Inc

Back Button CXA1816-0000-000N00P430H Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N00P430H Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N00P430H Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N00P430H Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N00P430H Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N00P430H Datasheet HTML 10Page - Cree, Inc CXA1816-0000-000N00P430H Datasheet HTML 11Page - Cree, Inc CXA1816-0000-000N00P430H Datasheet HTML 12Page - Cree, Inc CXA1816-0000-000N00P430H Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
99
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® CXa1816 LED
tyPiCAL sPAtiAL Distribution
PErforMAnCE grouPs - brightnEss (i
f = 450 mA, tJ = 85 °C)
XLamp CXA1816 LEDs are tested for luminous flux and placed into one of the following bins.
group Code
Minimum Luminous flux Maximum Luminous flux
K2
1200
1290
K4
1290
1380
M2
1380
1485
M4
1485
1590
N2
1590
1710
N4
1710
1830
P2
1830
1965
P4
1965
2100
Q2
2100
2260
Q4
2260
2420
R2
2420
2600
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


Similar Part No. - CXA1816-0000-000N00P430H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1816-0000-000N00P40E1 CREE-CXA1816-0000-000N00P40E1 Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P40E2 CREE-CXA1816-0000-000N00P40E2 Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P40E3 CREE-CXA1816-0000-000N00P40E3 Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P40E5 CREE-CXA1816-0000-000N00P40E5 Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P440F CREE-CXA1816-0000-000N00P440F Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1816-0000-000N00P430H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com