Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5725JNBL3-I4T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-5725JNBL3-I4T1U
Description  HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5725JNBL3-I4T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-5725JNBL3-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5725JNBL3-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5725JNBL3-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5725JNBL3-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5725JNBL3-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc S-5725JNBL3-I4T1U Datasheet HTML 10Page - Seiko Instruments Inc S-5725JNBL3-I4T1U Datasheet HTML 11Page - Seiko Instruments Inc S-5725JNBL3-I4T1U Datasheet HTML 12Page - Seiko Instruments Inc S-5725JNBL3-I4T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.2.5_01
S-5725 Series
9
Electrical Characteristics
1. Product without power-down function
1. 1 S-5725CxBxx
Table 9
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
2.7
5.0
5.5
V
Current consumption
IDD
Average value
13.0
20.0
μA
1
Output voltage
VOUT
Nch open-drain output
product
Output transistor Nch,
IOUT = 2 mA
0.4
V
2
CMOS output product
Output transistor Nch,
IOUT = 2 mA
0.4
V
2
Output transistor Pch,
IOUT =
−2 mA
VDD
0.4
V
3
Leakage current
ILEAK
Nch open-drain output product
Output transistor Nch, VOUT = 5.5 V
1
μA
4
Awake mode time
tAW
0.05
ms
Sleep mode time
tSL
6.00
ms
Operating cycle
tCYCLE tAW
+ tSL
6.05
12.00
ms
1. 2 S-5725DxBxx
Table 10
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
2.7
5.0
5.5
V
Current consumption
IDD
Average value
60.0
90.0
μA
1
Output voltage
VOUT
Nch open-drain output
product
Output transistor Nch,
IOUT = 2 mA
0.4
V
2
CMOS output product
Output transistor Nch,
IOUT = 2 mA
0.4
V
2
Output transistor Pch,
IOUT =
−2 mA
VDD
0.4
V
3
Leakage current
ILEAK
Nch open-drain output product
Output transistor Nch, VOUT = 5.5 V
1
μA
4
Awake mode time
tAW
0.05
ms
Sleep mode time
tSL
1.20
ms
Operating cycle
tCYCLE tAW
+ tSL
1.25
2.50
ms


Similar Part No. - S-5725JNBL3-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5725JNBH0-I4T1U SII-S-5725JNBH0-I4T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-5725JNBL3-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1 SII-S-57M1 Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com