Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB3070-0000-000N0HBB50G Datasheet(PDF) 3 Page - Cree, Inc

Part # CXB3070-0000-000N0HBB50G
Description  XLamp LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB3070-0000-000N0HBB50G Datasheet(HTML) 3 Page - Cree, Inc

  CXB3070-0000-000N0HBB50G Datasheet HTML 1Page - Cree, Inc CXB3070-0000-000N0HBB50G Datasheet HTML 2Page - Cree, Inc CXB3070-0000-000N0HBB50G Datasheet HTML 3Page - Cree, Inc CXB3070-0000-000N0HBB50G Datasheet HTML 4Page - Cree, Inc CXB3070-0000-000N0HBB50G Datasheet HTML 5Page - Cree, Inc CXB3070-0000-000N0HBB50G Datasheet HTML 6Page - Cree, Inc CXB3070-0000-000N0HBB50G Datasheet HTML 7Page - Cree, Inc CXB3070-0000-000N0HBB50G Datasheet HTML 8Page - Cree, Inc CXB3070-0000-000N0HBB50G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CXB3070 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp CXB3070 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LeDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LeDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
fLuX CharaCtEristiCs, EasyWhitE® orDEr CoDEs anD Bins (i
f = 1900 ma, tJ = 85 °C)
The following table provides order codes for XLamp CXB3070 LeDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 10).
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
6500 K
70
---
BB
9,500
10,520
65e
CXB3070-0000-
000N0BBB65e
BD
10,000
11,074
CXB3070-0000-
000N0BBD65e
80
---
BB
9,500
10,520
65e
CXB3070-0000-
000N0HBB65e
BD
10,000
11,074
CXB3070-0000-
000N0HBD65e
5700 K
70
---
BB
9,500
10,520
57e
CXB3070-0000-
000N0BBB57e
BD
10,000
11,074
CXB3070-0000-
000N0BBD57e
80
---
BB
9,500
10,520
57e
CXB3070-0000-
000N0HBB57e
BD
10,000
11,074
CXB3070-0000-
000N0HBD57e
5000 K
70
---
BB
9,500
10,520
50e
CXB3070-0000-
000N0BBB50e
BD
10,000
11,074
CXB3070-0000-
000N0BBD50e
80
---
BB
9,500
10,520
50G
CXB3070-0000-
000N0HBB50G
50e
CXB3070-0000-
000N0HBB50e
BD
10,000
11,074
CXB3070-0000-
000N0HBD50G
CXB3070-0000-
000N0HBD50e
90
92
Z4
7,945
8,798
50G
CXB3070-0000-
000N0UZ450G
AB
8,500
9,413
CXB3070-0000-
000N0UAB50G
4000 K
70
---
BB
9,500
10,520
40e
CXB3070-0000-
000N0BBB40e
BD
10,000
11,074
CXB3070-0000-
000N0BBD40e
80
---
AD
9,000
9,967
40H
CXB3070-0000-
000N0HAD40H
40G
CXB3070-0000-
000N0HAD40G
BB
9,500
10,520
CXB3070-0000-
000N0HBB40H
CXB3070-0000-
000N0HBB40G
90
92
Z4
7,945
8,798
40H
CXB3070-0000-
000N0UZ440H
40G
CXB3070-0000-
000N0UZ440G
AB
8,500
9,413
CXB3070-0000-
000N0UAB40H
CXB3070-0000-
000N0UAB40G


Similar Part No. - CXB3070-0000-000N0HBB50G

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB3070-0000-000N0HBB50G CREELED-CXB3070-0000-000N0HBB50G Datasheet
2Mb / 14P
   XLamp® CXB3070 LED
REV 7A
More results

Similar Description - CXB3070-0000-000N0HBB50G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com