Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1520-0000-000N0HN440G Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA1520-0000-000N0HN440G
Description  XLamp LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1520-0000-000N0HN440G Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA1520-0000-000N0HN440G Datasheet HTML 3Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 4Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 5Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 6Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 7Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 8Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 9Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 10Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXa1520 LED
rELAtivE LuMinous fLuX
The relative luminous flux values provided below are the ratio of:
• Measurements of CXA1520 at steady‑state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 500 mA at T
J = 85 °C.
For example, at steady‑state operation of Tc = 105 °C, I
F = 700 mA, the relative luminous flux ratio is 120% in the chart below. A CXA1520
LED that measures 2100 lm during binning will deliver 2520 lm (2100 * 1.2) at steady‑state operation of Tc = 105 °C, I
F = 700 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
100
200
300
400
500
600
700
800
900
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Similar Part No. - CXA1520-0000-000N0HN440G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1520-0000-000N0HN440G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com