Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH060-2000-40F9-20300TW Datasheet(PDF) 1 Page - Cree, Inc

Part # LMH060-2000-40F9-20300TW
Description  LED Module with Cree TrueWhite Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH060-2000-40F9-20300TW Datasheet(HTML) 1 Page - Cree, Inc

  LMH060-2000-40F9-20300TW Datasheet HTML 1Page - Cree, Inc LMH060-2000-40F9-20300TW Datasheet HTML 2Page - Cree, Inc LMH060-2000-40F9-20300TW Datasheet HTML 3Page - Cree, Inc LMH060-2000-40F9-20300TW Datasheet HTML 4Page - Cree, Inc LMH060-2000-40F9-20300TW Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Subject to change without notice.
www.cree.com/modules
The Cree LED Module LMH6 with Cree TrueWhite Technology is the ideal choice for commercial lighting applications
where high CRI, luminous flux and efficacy are required, such as restaurants, retail and hospitality lighting.
Cree TrueWhite technology:
A better way to generate white light that utilizes a patented mixture of unsaturated yellow and saturated red
LEDs.
Proprietary optical system utilizes a unique combination of reflective and refractive optical components to
achieve a uniform, comfortable appearance. Pixelation and direct view of LEDs is eliminated.
Technology benefit – high CRI and efficacy allows customers to avoid making tradeoffs between energy
efficiency and light quality as compared to other lighting alternatives.
Marketing benefit – Cree logo on lens enables brand marketing value on final design.
DALI Features
DALI (Digital Addressable Lighting Interface) dimming
DALI device type 1 (IEC 62386 Part 102) for the AC/DC power supply (DALI version 2006)
Onboard thermal management
FEATURES
Cree TrueWhite Technology
2000 & 2900 lm @ 3000-K & 4000-K CCT
DALI or 1–10-V dimming to 5% of rated light output
Comprehensive solution with driver electronics, optics and thermals
Snap-lock tabs for easy trim mounting
Designed to last at least 50,000 hours at L
70
Cree IES LM-80 data in support of U.S. DOE ENERGY STAR® qualification
The LMH6 (230-V) complies with multiple international standards
Integral splice compartment
Both Asian and European Union wire access plates supplied
Cree® LED Module LMH6
with Cree TrueWhite® Technology
Data Sheet
Cree LED Modules provide a simple solution for lighting designers and manufacturers to adopt best-in-class LED
lighting from Cree. The LMH series continues Cree’s history of innovation in LEDs for lighting applications and
provides a comprehensive solution including patented Cree TrueWhite® Technology to achieve an industry-leading
combination of light quality and efficacy. This versatile LED lighting module allows design flexibility with the
beautiful color and efficacy of Cree TrueWhite Technology.
A comprehensive design guide and solid-model STEP files are available through the Cree Module sales team.
This data sheet is intended to introduce you to the features and benefits of the LMH6 module. The design guide
and solid model must be referenced for the thermal, mechanical and optical requirements of a successful LMH6
product design.


Similar Part No. - LMH060-2000-40F9-20300TW

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMH0603T-10N-F LEIDITECH-LMH0603T-10N-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
LMH0603T-12N-F LEIDITECH-LMH0603T-12N-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
LMH0603T-15N-F LEIDITECH-LMH0603T-15N-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
LMH0603T-18N-F LEIDITECH-LMH0603T-18N-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
LMH0603T-1N0-F LEIDITECH-LMH0603T-1N0-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
More results

Similar Description - LMH060-2000-40F9-20300TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
LMH020-0850-40F9-00000TW CREE-LMH020-0850-40F9-00000TW Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
LMR4 CREE-LMR4 Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
LMR040-0700-40F8-10100EW CREE-LMR040-0700-40F8-10100EW Datasheet
550Kb / 5P
   Cree LED Module LMR4 with EasyWhite??Technology
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
CP41A-RDS CREE-CP41A-RDS Datasheet
925Kb / 10P
   Cree P4 LED
C460UT200-0201 CREE-C460UT200-0201 Datasheet
323Kb / 5P
   Cree UltraThin LED
C512A-WNS-CZ0B0151 CREE-C512A-WNS-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com