Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1820-0000-000N0UR250G Datasheet(PDF) 1 Page - Cree, Inc

Part # CXB1820-0000-000N0UR250G
Description  XLamp LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1820-0000-000N0UR250G Datasheet(HTML) 1 Page - Cree, Inc

  CXB1820-0000-000N0UR250G Datasheet HTML 1Page - Cree, Inc CXB1820-0000-000N0UR250G Datasheet HTML 2Page - Cree, Inc CXB1820-0000-000N0UR250G Datasheet HTML 3Page - Cree, Inc CXB1820-0000-000N0UR250G Datasheet HTML 4Page - Cree, Inc CXB1820-0000-000N0UR250G Datasheet HTML 5Page - Cree, Inc CXB1820-0000-000N0UR250G Datasheet HTML 6Page - Cree, Inc CXB1820-0000-000N0UR250G Datasheet HTML 7Page - Cree, Inc CXB1820-0000-000N0UR250G Datasheet HTML 8Page - Cree, Inc CXB1820-0000-000N0UR250G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product family data sheet
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® CXB1820 LED
ProDuCt DEsCriPtion
The XLamp® CXB1820 LeD Array is a
member of the second generation of
the CXA family that delivers up to 30%
higher efficacy and up to 20% higher
lumens than the first generation in the
same LeS. The higher performance
second generation CXA LeD Arrays
provide a drop-in performance upgrade
to existing CXA LeD designs to shorten
product development time. In addition,
the CXB LeDs also allow lighting
manufacturers to achieve the same
or better performance with a smaller
LeS, enabling a smaller, more impactful
luminaire. Available in 2-step, 3-step and
5-step easyWhite® bins, the CXB1820
LeD delivers high lumen output and
high efficacy in a single, easy‑to‑use
package that eliminates the need for
reflow soldering.
The CX Family LeD Design Guide
provides basic information on the
requirements to use the CXB1820 LeD
successfully in luminaire designs.
fEaturEs
• 12-mm optical source
• Mechanical and optical design
consistent with other CXA18 and
CXB18 LeDs with a 12-mm optical
source
• Available in 70-, 80- and 90-minimum
CRI options
• Cree easyWhite® 2-, 3- and 5-step
binning
• Forward voltage option: 36-v class
• 85 °C binning and characterization
• extremely uniform color over viewing
angle
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux bins
• RoHS and ReACh compliant
• UL® recognized component
(e349212)
taBLE of ContEnts
Characteristics ............................................2
Operating Limits..........................................2
Flux Characteristics, easyWhite® Order
Codes and Bins ...........................................3
Relative Spectral Power Distribution .........5
electrical Characteristics............................6
Relative Luminous Flux...............................7
Typical Spatial Distribution.........................8
Performance Groups - Brightness .............8
Performance Groups - Chromaticity..........9
Cree easyWhite® Bins Plotted on the
1931 CIe Color Space.............................. 10
Bin and Order Code Formats................... 12
Mechanical Dimensions .......................... 12
Thermal Design........................................ 13
Notes ........................................................ 14
Packaging................................................. 15


Similar Part No. - CXB1820-0000-000N0UR250G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
More results

Similar Description - CXB1820-0000-000N0UR250G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com