Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH060-2000-30F9-20200TW Datasheet(PDF) 3 Page - Cree, Inc

Part # LMH060-2000-30F9-20200TW
Description  LED Module with Cree TrueWhite Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH060-2000-30F9-20200TW Datasheet(HTML) 3 Page - Cree, Inc

  LMH060-2000-30F9-20200TW Datasheet HTML 1Page - Cree, Inc LMH060-2000-30F9-20200TW Datasheet HTML 2Page - Cree, Inc LMH060-2000-30F9-20200TW Datasheet HTML 3Page - Cree, Inc LMH060-2000-30F9-20200TW Datasheet HTML 4Page - Cree, Inc LMH060-2000-30F9-20200TW Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
CLM-DS04-LMH6 Rev 0C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/modules
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document
is subject to change without notice. Cree® , Cree TrueWhite® Technology and TrueWhite®
are registered trademarks and the Cree logo is a trademark of Cree, Inc. ENERGY STAR®
is a registered trademark of the U.S. Environmental Protection Agency.
Form Factor - Power Supply
Thermal Management Guidelines
Acceptable ambient starting and operating temperatures of the
Cree LED Module LMH6 are between 0°C and 40°C. (The lifetime
and performance estimates described in this document require
that the Tc limit stated in this Thermal Management Guidelines
section is adhered to and only the modifications described in this
document are implemented.)
The Cree LED Module LMH6 is designed to perform in a variety of
non-IC environments; however, the LED module lifetime is highly
dependent upon the Tc (case temperature). To achieve lifetime
and performance estimates and to maintain the warranty, the final
design cannot exceed 70°C at thermal equilibrium, based on the
Tc point (shown in the figure on the right) where the thermocouple
is placed and tested in situ.
Tc LOCATION
units = mm


Similar Part No. - LMH060-2000-30F9-20200TW

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMH0603T-10N-F LEIDITECH-LMH0603T-10N-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
LMH0603T-12N-F LEIDITECH-LMH0603T-12N-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
LMH0603T-15N-F LEIDITECH-LMH0603T-15N-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
LMH0603T-18N-F LEIDITECH-LMH0603T-18N-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
LMH0603T-1N0-F LEIDITECH-LMH0603T-1N0-F Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
More results

Similar Description - LMH060-2000-30F9-20200TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
LMH020-0850-40F9-00000TW CREE-LMH020-0850-40F9-00000TW Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
LMR4 CREE-LMR4 Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
LMR040-0700-40F8-10100EW CREE-LMR040-0700-40F8-10100EW Datasheet
550Kb / 5P
   Cree LED Module LMR4 with EasyWhite??Technology
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
CP41A-RDS CREE-CP41A-RDS Datasheet
925Kb / 10P
   Cree P4 LED
C460UT200-0201 CREE-C460UT200-0201 Datasheet
323Kb / 5P
   Cree UltraThin LED
C512A-WNS-CZ0B0151 CREE-C512A-WNS-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com