Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD125-0017-C440-3000000 Datasheet(PDF) 8 Page - Cree, Inc

Part # LMD125-0017-C440-3000000
Description  LED Module Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMD125-0017-C440-3000000 Datasheet(HTML) 8 Page - Cree, Inc

Back Button LMD125-0017-C440-3000000 Datasheet HTML 4Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 5Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 6Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 7Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 8Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 9Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 10Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 11Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
LMD125 LED MoDuLE DrivEr
MECHaniCaL DiMEnsions
Physical Characteristics of the LMD125
Physical Characteristic
LMD125 100- to 120-V and 277-V Driver
LMD125 230-V Driver
Weight (g)
114
146
Maximum height (mm)
29.5
33
Maximum length (mm)
81
123
Maximum width (mm)
56
79
LMD125 100- to 120-V and 277-V Drivers1
LMD125 230-V Driver
1
Dimensions for all the LMD125 diagrams are in mm and are for reference only. For exact dimensions and tolerances, refer to the 3‑D models (.STEP
files) for the LMD125 drivers available by selecting the Documentation tab on the LMH2 product page.
28
Tc LOCATION
40
MOUNTING SLOT
TYP 2X
M4 OR #8
WIRE ROUTING SLOT
TYP 6X
72
28.6
12.2
47
23.5
31.2
80.4
23.5
29.5
152 3
STRIPPED 10
56
AL
TW
DIM
TO
FRA
AN
ON
26.5
41.5
33
-
Tc LOCATION
LINE
NEUTRAL
+
M4 OR #8
MOUNTING SLOT
TYP 2X
112.3
68.3
79
123


Similar Part No. - LMD125-0017-C440-3000000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD125-0017-C440-3000000 CREE-LMD125-0017-C440-3000000 Datasheet
851Kb / 3P
   Cree짰 LMH2 850-lm and 1250-lm LED Modules with TrueWhite짰 Technology
LMD125-0017-C440-3000000 CREE-LMD125-0017-C440-3000000 Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
More results

Similar Description - LMD125-0017-C440-3000000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD300 CREE-LMD300 Datasheet
1Mb / 16P
   LED Module Drivers
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com