Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1--22278--2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1--22278--2
Description  2 mm Common Termination Head Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--22278--2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1--22278--2 Datasheet HTML 1Page - TE Connectivity Ltd 1--22278--2 Datasheet HTML 2Page - TE Connectivity Ltd 1--22278--2 Datasheet HTML 3Page - TE Connectivity Ltd 1--22278--2 Datasheet HTML 4Page - TE Connectivity Ltd 1--22278--2 Datasheet HTML 5Page - TE Connectivity Ltd 1--22278--2 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
408- 9426
Rev E
2
of 6
Adjustable Stop—controls the size of the connector
slot, permitting different size connectors to be
secured in head assembly.
Wire Guide—open channel into which unstripped
wire is inserted and bottomed for terminating.
Feed Pawl—when pushed forward, allows carriage
to be moved either right or left, depending on
where connector is to be located in head assembly.
The wire is terminated in the connector contact using
the insulation displacement technique (a terminating
technique which inserts unstripped wire into a slotted
contact beam to form a reliable electrical connection
between the wire and the contact). Contact
termination is complete when the tool is actuated.
3. SETUP
The setup procedure consists of determining the size
of the connector slot, securing the connector in that
slot, and positioning the connector for termination.
Proceed as follows:
1. To determine the size of slot required for the
connector to be terminated, push the feed pawl
forward and slide the carriage to the left as far as it
will go. Then loosen the socket head cap screw
located at bottom side of the adjustable stop
(shown in Figure 2), allowing the stop to be moved
right or left.
Figure 2
Push Feed
Pawl Forward
Socket Head
Cap Screw
Connector
Slot
Adjustable
Stop
2. Orient the connector with the head assembly as
shown in Figure 3 — the open part of the insulation
displacement slot is up and facing the back of the
tool. Making sure that the connector slot is large
enough to accept the connector, fit the connector
in slot. Then move the adjustable stop flush
against the connector, and tighten the socket head
cap screw securing the connector to the head
assembly.
3. Push the feed pawl forward and slide the
carriage (with connector) to the right as far as it will
go. Then release the feed pawl. The connector is
now in position to begin termination.
4. TEST TERMINATION AND INSPECTION
At least one termination should be performed and
inspected before starting production terminating. The
steps which follow are recommended to perform the
test termination and inspection.
Figure 3
Open Part of Contact
Insulation Displacement Slot
Up and Facing Back
of Tool
Adjustable Stop Moved
to Allow Connector to
Fit into Connector Slot
Connector
Slot
Back of
Tool (Ref)
Horizontal Mount
Header
Vertical Mount
Header
Receptacle
Assembly
1. Perform the setup procedure as described in
Section 3. Note that at the end of this procedure
the connector is in position to begin the termination
process.
2. Without inserting the wire into the wire guide,
perform one cycle. The connector will be indexed
in position for the first termination.
3. Insert an unstripped wire into the wire guide until
the wire bottoms, making sure wire is centered in
theslot. SeeFigure4.
4. Perform one termination cycle: the inserter will
bottom, forcing the wire between the contact slots,
and will then retract. The connector will advance to
the next contact position.


Similar Part No. - 1--22278--2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1--22279--6 TEC-1--22279--6 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 1--22278--2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4070 MACOM-408-4070 Datasheet
273Kb / 5P
   Pneumatic Head Assembly
logo
Samtec, Inc
2SN-BK-G SAMTEC-2SN-BK-G Datasheet
46Kb / 1P
   2 mm C.L. SHUNT ASSEMBLY
logo
Tyco Electronics
408-4260 MACOM-408-4260 Datasheet
155Kb / 7P
   Mass Termination Assembly
logo
TE Connectivity Ltd
408-7994 TEC-408-7994 Datasheet
204Kb / 4P
   Mass Termination Assembly
408-7995 TEC-408-7995 Datasheet
244Kb / 6P
   Mass Termination Assembly
logo
Tyco Electronics
408-9607 MACOM-408-9607 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
logo
3M Electronics
7893S 3M-7893S Datasheet
53Kb / 1P
   3M??Head Strap/Harness Assembly 7893S, Silicone, 2 EA/Case
logo
Tyco Electronics
59461 MACOM-59461 Datasheet
75Kb / 1P
   HEAVY HEAD HAND TOOL ASSEMBLY
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
   STRATO-THERM Die Head Assembly
logo
NTE Electronics
NTE15043 NTE-NTE15043 Datasheet
18Kb / 2P
   Integrated Circuit Head Amplifier Circuit for 2 Head VCR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com