Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1--21919--2 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 1--21919--2
Description  2 mm Common Termination Head Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--21919--2 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  1--21919--2 Datasheet HTML 1Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 2Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 3Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 4Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 5Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
408- 9426
5
of 6
Rev E
4
24
25
1
2
3
27
26
12
11
6
10
9
8
7
6
5
13
14
15
16
17
18
19
20
21
12
23
22
10
65.02 mm
[2.56 in.]
88.9 mm
[3.5 in.]
28.7 mm
[1.13 in.]
Weight:
142g[5oz]
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER
ASSEMBLY
1
1--21989--2
SCREW, Socket Head Shoulder
1
2
2--22281--2
SPRING, Compression
1
3
314058--1
HEAD, Finished
1
4
314061--1
GUIDE, Housing
1
5
314066--1
STOP, Fixed
1
6
21000--9
SCREW, Socket Head Cap, 2--56¢.19 in. L
2
7
314062--1
CARRIAGE
1
8
1--21000--6
SCREW, Socket Head Cap, 4--40¢.62 in. L
1
9
314065--1
DRAG
1
10
1--21000--4
SCREW, Socket Head Cap, 4--40¢.38 in. L
2
11
314067--1
STOP, Adjustable
1
Figure 7 (Continued)


Similar Part No. - 1--21919--2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1--21000--4 TEC-1--21000--4 Datasheet
123Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
1--21000--5 MACOM-1--21000--5 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
logo
TE Connectivity Ltd
1--21000--7 TEC-1--21000--7 Datasheet
115Kb / 4P
   Base Assembly Universal
1--21000--8 TEC-1--21000--8 Datasheet
115Kb / 4P
   Base Assembly Universal
1--21000--9 TEC-1--21000--9 Datasheet
183Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 1--21919--2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4070 MACOM-408-4070 Datasheet
273Kb / 5P
   Pneumatic Head Assembly
logo
Samtec, Inc
2SN-BK-G SAMTEC-2SN-BK-G Datasheet
46Kb / 1P
   2 mm C.L. SHUNT ASSEMBLY
logo
Tyco Electronics
408-4260 MACOM-408-4260 Datasheet
155Kb / 7P
   Mass Termination Assembly
logo
TE Connectivity Ltd
408-7994 TEC-408-7994 Datasheet
204Kb / 4P
   Mass Termination Assembly
408-7995 TEC-408-7995 Datasheet
244Kb / 6P
   Mass Termination Assembly
logo
Tyco Electronics
408-9607 MACOM-408-9607 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
logo
3M Electronics
7893S 3M-7893S Datasheet
53Kb / 1P
   3M??Head Strap/Harness Assembly 7893S, Silicone, 2 EA/Case
logo
Tyco Electronics
59461 MACOM-59461 Datasheet
75Kb / 1P
   HEAVY HEAD HAND TOOL ASSEMBLY
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
   STRATO-THERM Die Head Assembly
logo
NTE Electronics
NTE15043 NTE-NTE15043 Datasheet
18Kb / 2P
   Integrated Circuit Head Amplifier Circuit for 2 Head VCR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com