Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-8783 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 408-8783
Description  Solder Assembly Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-8783 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  408-8783 Datasheet HTML 1Page - TE Connectivity Ltd 408-8783 Datasheet HTML 2Page - TE Connectivity Ltd 408-8783 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For 2.16
[.085] Cable
For 3.58
[.141] Cable
For 1.78
[.070] Cable
408-8783
3 of 3
Rev A
Figure 4
5. USING SOLDER GAGES AND CENTER CONTACT
HOLDER
The center contact holder is designed to hold both
male and female connector center contacts.
Solder gages are used to properly space the center
contact away from the cable dielectric. Refer to the
connector specific instruction sheet for the appropriate
solder gage to be used during the assembly
procedure.
CAUTION
!
Center contact holders contains small amounts of
lead. The lead is used for assembly.
NOTE
i
Maximum operating temperature for the center
contact holder is 300°C [572°F]
DANGER
STOP
To avoid personal injury, be sure to observe all local
safety practices (including the use of gloves). The
solder gage, center contact holder, and the contact
may be hot after soldering.
6. USING LOCATING TOOLS
Solder Assembly Kit 1055469-1 contains two locating
tools. Refer to the connector specific instruction sheet
for selection of proper locator tool and assembly
instructions.
These tools are designed to be used with the fixture
subassembly. To insure proper connector assembly,
follow the instructions listed below.
1. Place connector housing on end of cable sub-
assembly. The subassembly refers to cable with
center contact.
2. Place loose connector assembly in fixture base.
3. Nest the center contact in locator tool.
4. Tighten the thumbscrew to secure the cable.
5. Tighten the locator tool to seat the cable firmly.
6. Slide connector housing over locator tool.
7. Maintain position of housing firmly against locator
tool.
DANGER
STOP
To avoid personal injury, be sure to follow all local
safety practices when using solder and solder
equipment.
8. Solder according to the connector specific
instructions.
NOTE
i
Fixture should be clamped vertically in vise to keep
housing seated against locator tool.
7. REVISION SUMMARY
Revisions to this instruction sheet include:
Changed company name and logo


Similar Part No. - 408-8783

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8780 TEC-408-8780 Datasheet
145Kb / 4P
   Solder Assembly Kit 1055466-1
408-8788 TEC-408-8788 Datasheet
867Kb / 13P
   EBC-440 46-Way
More results

Similar Description - 408-8783

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8780 TEC-408-8780 Datasheet
145Kb / 4P
   Solder Assembly Kit 1055466-1
logo
CONEC Elektronische Bau...
17-200331 CONEC-17-200331 Datasheet
867Kb / 1P
   IP67 USB 2.0 Type A Plug (Solder Cup) Assembly Kit
17-10015 CONEC-17-10015 Datasheet
443Kb / 1P
   Receptacle Assembly Kit
17-10009 CONEC-17-10009 Datasheet
369Kb / 1P
   Receptacle Assembly Kit
logo
Kendall Howard
1908-3-001-01- KENDALLHOWARD-1908-3-001-01- Datasheet
191Kb / 2P
   FAN ASSEMBLY KIT
logo
CONEC Elektronische Bau...
17-10017 CONEC-17-10017 Datasheet
438Kb / 1P
   Receptacle Assembly Kit
39K1A364 CONEC-39K1A364 Datasheet
626Kb / 1P
   IP67 USB USB 2.0 Type A Plug Assembly Kit Solder Cup Version
17K1A115 CONEC-17K1A115 Datasheet
867Kb / 1P
   IP67 USB 2.0 Type A Plug (Solder Cup) Assembly Kit Metal Version
17-101710 CONEC-17-101710 Datasheet
344Kb / 1P
   Protective Cover Assembly Kit
17-101800 CONEC-17-101800 Datasheet
530Kb / 1P
   Protective Cover Assembly Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com