Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5716ACDL3-I4T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5716ACDL3-I4T1U
Description  LOW CURRENT CONSUMPTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5716ACDL3-I4T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5716ACDL3-I4T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5716ACDL3-I4T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5716ACDL3-I4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5716ACDL3-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5716ACDL3-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5716ACDL3-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5716ACDL3-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5716ACDL3-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5716ACDL3-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
S-5716 Series
www.sii-ic.com
LOW CURRENT CONSUMPTION
BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
© SII Semiconductor Corporation, 2011-2015
Rev.1.6_01
1
The S-5716 Series, developed by CMOS technology, is a high-accuracy Hall IC that operates with low current consumption.
The output voltage changes when the S-5716 Series detects the intensity level of magnetic flux density. Using the S-5716
Series with a magnet makes it possible to detect the open / close in various devices.
High-density mounting is possible by using the small SOT-23-3 package or the super small SNT-4A package.
Due to its high-accuracy magnetic characteristics, the S-5716 Series can make operation's dispersion in the system
combined with magnet smaller.
Caution This product is intended to use in general electronic devices such as consumer electronics, office
equipment, and communications devices. Before using the product in medical equipment or automobile
equipment including car audio, keyless entry and engine control unit, contact to SII Semiconductor
Corporation is indispensable.
Features
• Pole detection*1:
Detection of both poles, S pole or N pole
• Detection logic for magnetism*1:
Active "L", active "H"
• Output form*1:
Nch open-drain output, CMOS output
• Magnetic sensitivity*1:
BOP = 1.8 mT typ.
BOP = 3.0 mT typ.
BOP = 3.4 mT typ.
BOP = 4.5 mT typ.
BOP = 7.0 mT typ.
• Operating cycle (current consumption):
Product with both poles detection
tCYCLE = 50.50 ms (IDD = 4.0
μA) typ.
Product with S pole or N pole detection
tCYCLE = 50.85 ms (IDD = 2.6
μA) typ.
• Power supply voltage range:
VDD = 2.7 V to 5.5 V
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
Applications
• Plaything, portable game
• Home appliance
• Housing equipment
• Industrial equipment
Packages
• SOT-23-3
• SNT-4A


Similar Part No. - S-5716ACDL3-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5716ACDL3-M3T1U SII-S-5716ACDL3-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S-5716ACDL3-I4T1U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com