Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB3590-0000-000N0YAD32Q Datasheet(PDF) 11 Page - Cree, Inc

Part # CXB3590-0000-000N0YAD32Q
Description  XLamp Studio LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB3590-0000-000N0YAD32Q Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXB3590-0000-000N0YAD32Q Datasheet HTML 7Page - Cree, Inc CXB3590-0000-000N0YAD32Q Datasheet HTML 8Page - Cree, Inc CXB3590-0000-000N0YAD32Q Datasheet HTML 9Page - Cree, Inc CXB3590-0000-000N0YAD32Q Datasheet HTML 10Page - Cree, Inc CXB3590-0000-000N0YAD32Q Datasheet HTML 11Page - Cree, Inc CXB3590-0000-000N0YAD32Q Datasheet HTML 12Page - Cree, Inc CXB3590-0000-000N0YAD32Q Datasheet HTML 13Page - Cree, Inc CXB3590-0000-000N0YAD32Q Datasheet HTML 14Page - Cree, Inc CXB3590-0000-000N0YAD32Q Datasheet HTML 15Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® CXa2 Studio LEd
bin AnD orDEr CoDE forMAtS
Bin codes and order codes are configured as follows:
order Code
bin Code
MEChAniCAL DiMEnSionS
Dimensions are in mm.
Tolerances unless otherwise
specified: ±.13
x° ±1°
meaning of B3590x
B3590N = 36-V CXA2 Studio
B3590R = 72-V CXA2 Studio
SSSSSCC-HHHH-HHHGGRNNNNN
Series = CXB35
Internal code
CRI Specification
U = 90 min CRI
Kit code
Vf class
N0 = 36-V class
R0 = 72-V class
Performance class
SSSSSCC-WWW-FF-GGR-AAAAA
Series = CXB35
Chromaticity bin
Vf class
N0 = 36-V class
R0 = 72-V class
Internal code
CRI Specification
U = 90 min CRI
Flux bin
Performance class


Similar Part No. - CXB3590-0000-000N0YAD32Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB3590-0000-000N0BCD40E CREE-CXB3590-0000-000N0BCD40E Datasheet
2Mb / 19P
   30?몀m optical source
logo
Cree LED
CXB3590-0000-000N0BCD40E CREELED-CXB3590-0000-000N0BCD40E Datasheet
2Mb / 21P
   XLamp® CXB3590 LED
REV 4A
logo
Cree, Inc
CXB3590-0000-000N0BCD50E CREE-CXB3590-0000-000N0BCD50E Datasheet
2Mb / 19P
   30?몀m optical source
CXB3590-0000-000N0BCD57E CREE-CXB3590-0000-000N0BCD57E Datasheet
2Mb / 19P
   30?몀m optical source
logo
Cree LED
CXB3590-0000-000N0BCD57E CREELED-CXB3590-0000-000N0BCD57E Datasheet
2Mb / 21P
   XLamp® CXB3590 LED
REV 4A
More results

Similar Description - CXB3590-0000-000N0YAD32Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com