Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5724INBH1-I4T1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-5724INBH1-I4T1U
Description  HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5724INBH1-I4T1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-5724INBH1-I4T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5724INBH1-I4T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5724INBH1-I4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5724INBH1-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5724INBH1-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5724INBH1-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5724INBH1-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5724INBH1-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5724INBH1-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724 Series
Rev.1.2_01
4
Product Name Structure
1. Product name
S-5724 x x B x 1 - xxxx U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package name (abbreviation) and packing specifications
*1
M3T1:
SOT-23-3, Tape
I4T1:
SNT-4A, Tape
Magnetic sensitivity
1:
BOP = 3.0 mT typ.
Detection logic for magnetism
L:
VOUT = "L" at S pole detection
H:
VOUT = "H" at S pole detection
Pole detection
B:
Bipolar latch
Output form
N:
Nch open-drain output
C:
CMOS output
Operating cycle
C:
tCYCLE = 6.05 ms typ. (Without power-down function)
D:
tCYCLE = 1.25 ms typ. (Without power-down function)
E:
tCYCLE = 50
μs typ.
(Without power-down function)
H:
tCYCLE = 6.05 ms typ. (With power-down function, SNT-4A)
I:
tCYCLE = 1.25 ms typ. (With power-down function, SNT-4A)
J:
tCYCLE = 50
μs typ.
(With power-down function, SNT-4A)
*1. Refer to the tape drawing.
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-3
MP003-C-P-SD
MP003-C-C-SD
MP003-Z-R-SD
SNT-4A
PF004-A-P-SD
PF004-A-C-SD
PF004-A-R-SD
PF004-A-L-SD


Similar Part No. - S-5724INBH1-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5724ICBH1-I4T1U SII-S-5724ICBH1-I4T1U Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724ICBL1-I4T1U SII-S-5724ICBL1-I4T1U Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-5724INBH1-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1 SII-S-57M1 Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com