Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB501V-40FL Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # RB501V-40FL
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

RB501V-40FL Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  RB501V-40FL Datasheet HTML 1Page - Yea Shin Technology Co., Ltd RB501V-40FL Datasheet HTML 2Page - Yea Shin Technology Co., Ltd RB501V-40FL Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
RB501V-40FL
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package
Schottky Barrier Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-65 to +125
°C
TJ
Operating Junction Temperature
+125
°C
VRM
Repetitive Peak Reverse Voltage
40
V
VR
Maximum DC Blocking Voltage
40
V
IF(AV)
Average Forward Rectified Current
100
mA
IFSM
Peak Forward Surge Current
(8.3mS Single Half-wave)
1
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Low Forward Voltage Drop
Flat Lead SOD-323 Small Outline Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Terminal Finish
Band Indicates Cathode
DEVICE MARKING CODE:
Device Type
Device Marking
RB501V-40
B4
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
IR=500µA
42
Volts
IR
Reverse Leakage Current
VR=10V
30
µA
VF
Forward Voltage
TCBAT42WS,
IF=10mA
IF=100mA
0.340
0.550
Volts
SOD-323 Flat Lead
H


Similar Part No. - RB501V-40FL

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RB501V-40FL-A YEASHIN-RB501V-40FL-A Datasheet
525Kb / 3P
   Schottky Barrier Diode
More results

Similar Description - RB501V-40FL

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com