Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1741A35-A6T2U4 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-1741A35-A6T2U4
Description  POWER MONITORING OUTPUT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1741A35-A6T2U4 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1741A35-A6T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1741A35-A6T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1741A35-A6T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1741A35-A6T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1741A35-A6T2U4 Datasheet HTML 9Page - Seiko Instruments Inc S-1741A35-A6T2U4 Datasheet HTML 10Page - Seiko Instruments Inc S-1741A35-A6T2U4 Datasheet HTML 11Page - Seiko Instruments Inc S-1741A35-A6T2U4 Datasheet HTML 12Page - Seiko Instruments Inc S-1741A35-A6T2U4 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
Rev.1.1_00
S-1740/1741 Series
9
Electrical Characteristics
1. Regulator block
Table 14
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V,
IOUT = 10 mA
1.0 V
≤ VOUT(S) < 1.5 V
VOUT(S)
− 0.015
VOUT(S)
VOUT(S)
+ 0.015
V
1
1.5 V
≤ VOUT(S) ≤ 3.5 V
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
100
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 10 mA
1.0 V
≤ VOUT(S) < 1.1 V
0.50
V
1
1.1 V
≤ VOUT(S) < 1.2 V
0.40
V
1
1.2 V
≤ VOUT(S) < 1.3 V
0.30
V
1
1.3 V
≤ VOUT(S) < 1.4 V
0.20
V
1
1.4 V
≤ VOUT(S) < 1.5 V
0.10
V
1
1.5 V
≤ VOUT(S) < 1.7 V
0.050
0.080
V
1
1.7 V
≤ VOUT(S) < 1.8 V
0.040
0.060
V
1
1.8 V
≤ VOUT(S) < 2.0 V
0.040
0.050
V
1
2.0 V
≤ VOUT(S) < 2.5 V
0.030
0.040
V
1
2.5 V
≤ VOUT(S) < 2.8 V
0.020
0.030
V
1
2.8 V
≤ VOUT(S) < 3.0 V
0.019
0.021
V
1
3.0 V
≤ VOUT(S) ≤ 3.5 V
0.018
0.020
V
1
Line regulation
ΔVOUT1
ΔVIN•VOUT
VOUT(S)
+ 0.5 V ≤ VIN ≤ 5.5 V, IOUT = 10 mA
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S)
+ 1.0 V, 1 μA ≤ IOUT ≤ 50 mA
20
40
mV
1
Output voltage
temperature coefficient
*4
ΔVOUT
ΔTa•VOUT
VIN = VOUT(S)
+ 1.0 V, IOUT = 10 mA,
−40°C ≤ Ta ≤ +85°C
±130
ppm/
°C1
Current consumption
during operation
ISS1
VIN = VOUT(S)
+ 1.0 V, no load
0.35
0.53
μA
2
Input voltage
VIN
1.5
5.5
V
Short-circuit current
Ishort
VIN = VOUT(S)
+ 1.0 V, VOUT = 0 V
60
mA
3
*1. VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT (= 10 mA) and inputting VOUT(S)
+ 1.0 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V and IOUT = 10 mA.
*4. A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2 ×
ΔVOUT
ΔTa•VOUT []
ppm/°C
*3 ÷ 1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*5. Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-1741A35-A6T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1741A30-A6T2U4 SII-S-1741A30-A6T2U4 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1741A30-A6T2U4 ABLIC-S-1741A30-A6T2U4 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
logo
Seiko Instruments Inc
S-1741A30-M5T1U4 SII-S-1741A30-M5T1U4 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1741A30-M5T1U4 ABLIC-S-1741A30-M5T1U4 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
More results

Similar Description - S-1741A35-A6T2U4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
logo
Allegro MicroSystems
ACS37800 ALLEGRO-ACS37800 Datasheet
3Mb / 41P
   Isolated, Digital Output, Power Monitoring IC
logo
Intersil Corporation
ISL6617AFRZ INTERSIL-ISL6617AFRZ Datasheet
490Kb / 15P
   PWM Doubler with Output Monitoring Feature
December 19, 2014
logo
Renesas Technology Corp
ISL6617A RENESAS-ISL6617A Datasheet
848Kb / 16P
   PWM Doubler with Output Monitoring Feature
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
List of Unclassifed Man...
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
logo
Maxim Integrated Produc...
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
logo
Texas Instruments
BQ2205LY TI-BQ2205LY Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
   Monitoring Relays Frequency Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com