Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA220A Datasheet(PDF) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # SA220A
Description  Low zener impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

SA220A Datasheet(HTML) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  SA220A Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd SA220A Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd SA220A Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd SA220A Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd SA220A Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
500W SA Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 3 / 5-
http://www.jjwdz.com
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
SA54A
SA54CA
54.0
1
60.00
66.30
1
87.1
5.9
SA58A
SA58CA
58.0
1
64.40
71.20
1
93.6
5.4
SA60A
SA60CA
60.0
1
66.70
73.70
1
96.8
5.3
SA64A
SA64CA
64.0
1
71.10
78.60
1
103.0
5.0
SA70A
SA70CA
70.0
1
77.80
86.00
1
113.0
4.5
SA75A
SA75CA
75.0
1
83.30
92.10
1
121.0
4.2
SA78A
SA78CA
78.0
1
86.70
95.80
1
126.0
4.0
SA85A
SA85CA
85.0
1
94.40
104.0
1
137.0
3.7
SA90A
SA90CA
90.0
1
100.0
111.0
1
146.0
3.5
SA100A
SA100CA
100.0
1
100.0
111.0
1
162.0
3.1
SA110A
SA110CA
110.0
1
111.0
123.0
1
177.0
2.9
SA120A
SA120CA
120.0
1
122.0
135.0
1
193.0
2.6
SA130A
SA130CA
130.0
1
133.0
147.0
1
209.0
2.4
SA150A
SA150CA
150.0
1
144.0
159.0
1
243.0
2.1
SA160A
SA160CA
160.0
1
167.0
185.0
1
259.0
2.0
SA170A
SA170CA
170.0
1
178.0
197.0
1
275.0
1.9
SA180A
SA180CA
180.0
1
189.0
209.0
1
292.0
1.7
SA200A
SA200CA
200.0
1
201.0
222.0
1
324.0
1.5
SA220A
SA220CA
220.0
1
211.0
234.0
1
356.0
1.4
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current


Similar Part No. - SA220A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA220A WTE-SA220A Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA220A PANJIT-SA220A Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA220A PANJIT-SA220A Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
MERITEK ELECTRONICS COR...
SA220A MERITEK-SA220A Datasheet
293Kb / 4P
   Transient Voltage Suppressors
logo
Pan Jit International I...
SA220A PANJIT-SA220A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Similar Description - SA220A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
   Low zener impedance
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Gaomi Xinghe Electronic...
1N4727 GXELECTRONICS-1N4727 Datasheet
1Mb / 5P
   Small current low zener impedance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com