Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1741C10-M5T1U4 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-1741C10-M5T1U4
Description  POWER MONITORING OUTPUT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1741C10-M5T1U4 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-1741C10-M5T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1741C10-M5T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1741C10-M5T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1741C10-M5T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1741C10-M5T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1741C10-M5T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-1741C10-M5T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-1741C10-M5T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-1741C10-M5T1U4 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
S-1740/1741 Series
Rev.1.1_00
8
Absolute Maximum Ratings
Table 12
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
Regulator block
VIN
VSS
− 0.3 to VSS + 6.0
V
Power monitor block
VPMEN
VSS
− 0.3 to VSS + 6.0
V
Output voltage
Regulator block
VOUT
VSS
− 0.3 to VIN + 0.3
V
Power monitor block
VPMOUT
VSS
− 0.3 to VIN + 0.3
V
Output current
IOUT
120
mA
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 13
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θja
SOT-23-5
Board A
192
°C/W
Board B
160
°C/W
Board C
°C/W
Board D
°C/W
Board E
°C/W
HSNT-6(1212)
Board A
234
°C/W
Board B
193
°C/W
Board C
°C/W
Board D
°C/W
Board E
°C/W
HSNT-4(1010)
Board A
378
°C/W
Board B
317
°C/W
Board C
°C/W
Board D
°C/W
Board E
°C/W
*1. Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Power Dissipation" and "Test Board" for details.


Similar Part No. - S-1741C10-M5T1U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1741C10-M5T1U4 SII-S-1741C10-M5T1U4 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1741C10-M5T1U4 ABLIC-S-1741C10-M5T1U4 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
More results

Similar Description - S-1741C10-M5T1U4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
logo
Allegro MicroSystems
ACS37800 ALLEGRO-ACS37800 Datasheet
3Mb / 41P
   Isolated, Digital Output, Power Monitoring IC
logo
Intersil Corporation
ISL6617AFRZ INTERSIL-ISL6617AFRZ Datasheet
490Kb / 15P
   PWM Doubler with Output Monitoring Feature
December 19, 2014
logo
Renesas Technology Corp
ISL6617A RENESAS-ISL6617A Datasheet
848Kb / 16P
   PWM Doubler with Output Monitoring Feature
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
List of Unclassifed Man...
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
logo
Maxim Integrated Produc...
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
logo
Texas Instruments
BQ2205LY TI-BQ2205LY Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
   Monitoring Relays Frequency Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com