Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA78A Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # SA78A
Description  Low zener impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

SA78A Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  SA78A Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd SA78A Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd SA78A Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd SA78A Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd SA78A Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIEJIE MICROELECTRONICS CO. , Ltd
TEL:+86-513-83639777
- 1 / 5-
http://www.jjwdz.com
SA Series 500W Transient Voltage Suppressor
Rev.2.0
DESCRIPTION:
The SA series of high current uni/bi-directional transient
suppressors are designed for A.C. line protection and high
power DC bus clamping applications. These devices offer
uni/bi-directional port protection from 5.0 volts to 220 volts.
They provide a clamping voltage lower than the avalanche
voltage. Therefore, any voltage rise due to increased
current conduction is contained to a minimum, providing
the best possible protection level. They can also be
connected in series and/or parallel to create very high
capacity protection solutions.
FEATURES:
 Low zener impedance.
 Excellent clamping capability.
 Repetition rate (duty cycle): 0.01%.
 JEDEC DO-15/DO-204AC Molded Plastic.
 Color band denoted cathode except bidirectional.
 High temperature soldering: 260℃/10s at terminals.
 Glass passivated or plannar chip junction in DO-15/DO-204AC package.
 600W Peak Pulse power capability at 10×1000μs waveform.
 Fast response time: typically less than 1.0ps from 0V to VBR min.
ABSOLUTE MAXIMUM RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation on 10/1000μs
waveform
PPP
500
W
Peak pulse current of on 10/1000μs
waveform
IPP
See next table
A
Steady state power dissipation at TL=75℃
PM(AV)
5.0
W
Operating junction and Storage temperature
range
TSTG, TJ
-55 to +125
Peak forward surge current, 8.3ms single
half sine-wave
IFSM
100
A
DO-15
Symbol


Similar Part No. - SA78A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA78A MOTOROLA-SA78A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA78A TSC-SA78A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Vishay Siliconix
SA78A VISHAY-SA78A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Won-Top Electronics
SA78A WTE-SA78A Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SA78A SPSEMI-SA78A Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
More results

Similar Description - SA78A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
   Low zener impedance
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Gaomi Xinghe Electronic...
1N4727 GXELECTRONICS-1N4727 Datasheet
1Mb / 5P
   Small current low zener impedance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com