Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8406-DSZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8406-DSZ
Description  192 kHz Digital Audio Interface Transmitter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-DSZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS8406-DSZ Datasheet HTML 1Page - Cirrus Logic CS8406-DSZ Datasheet HTML 2Page - Cirrus Logic CS8406-DSZ Datasheet HTML 3Page - Cirrus Logic CS8406-DSZ Datasheet HTML 4Page - Cirrus Logic CS8406-DSZ Datasheet HTML 5Page - Cirrus Logic CS8406-DSZ Datasheet HTML 6Page - Cirrus Logic CS8406-DSZ Datasheet HTML 7Page - Cirrus Logic CS8406-DSZ Datasheet HTML 8Page - Cirrus Logic CS8406-DSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
DS580F6
5
CS8406
DIGITAL INPUT CHARACTERISTICS
DIGITAL INTERFACE SPECIFICATIONS
(GND = 0 V; all voltages with respect to 0 V.)
TRANSMITTER CHARACTERISTICS
SWITCHING CHARACTERISTICS
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
Iin
--
±0.5
A
Input Hysteresis (all inputs except OMCK)
-
0.25
-
V
Parameters
Symbol
Min
Max
Units
High-Level Output Voltage (IOH = -3.2 mA), except TXP/TXN
VOH
VL - 1.0
-
V
Low-Level Output Voltage (IOH = 3.2 mA), except TXP/TXN
VOL
-0.4
V
High-Level Output Voltage, TXP, TXN
(21 mA at VL = 5.0 V)
(15 mA at VL = 3.3 V)
VL - 0.7
VL - 0.7
VL
VL
V
V
Low-Level Output Voltage, TXP, TXN
(21 mA at VL = 5.0 V)
(16 mA at VL = 3.3 V)
-
-
0.7
0.7
V
V
High-Level Input Voltage
VD = 5.0 V
VD = 3.3 V
VIH
2.75
2.0
VL + 0.3
VL + 0.3
V
V
Low-Level Input Voltage
VD = 5.0 V
VD = 3.3 V
VIL
-0.3
-0.3
0.8
0.8
V
V
Parameters
Symbol
Typ
Units
TXP Output Resistance
VL = 5.0 V
VL = 3.3 V
RTXP
26.5
33.5
TXN Output Resistance
VL = 5.0 V
VL = 3.3 V
RTXN
26.5
33.5
Parameter
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width
200
-
-
s
OMCK Frequency for OMCK = 512*Fs
4.1
-
98.4
MHz
OMCK Low and High Width for OMCK = 512*Fs
4.1
-
-
ns
OMCK Frequency for OMCK = 384*Fs
3.1
-
73.8
MHz
OMCK Low and High Width for OMCK = 384*Fs
6.1
-
-
ns
OMCK Frequency for OMCK = 256*Fs
2.0
-
49.2
MHz
OMCK Low and High Width for OMCK = 256*Fs
8.1
-
-
ns
OMCK Frequency for OMCK = 128*Fs
1.0
-
24.6
MHz
OMCK Low and High Width for OMCK = 128*Fs
18.3
-
-
ns
Frame Rate
8-
192
kHz
AES3 Transmitter Output Jitter
-
200
-
ps RMS


Similar Part No. - CS8406-DSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8406-DSZ CIRRUS-CS8406-DSZ Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8406-DSZR CIRRUS-CS8406-DSZR Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
More results

Similar Description - CS8406-DSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com