Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1711 Datasheet(PDF) 27 Page - Seiko Instruments Inc

Part # S-1711
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1711 Datasheet(HTML) 27 Page - Seiko Instruments Inc

Back Button S-1711 Datasheet HTML 23Page - Seiko Instruments Inc S-1711 Datasheet HTML 24Page - Seiko Instruments Inc S-1711 Datasheet HTML 25Page - Seiko Instruments Inc S-1711 Datasheet HTML 26Page - Seiko Instruments Inc S-1711 Datasheet HTML 27Page - Seiko Instruments Inc S-1711 Datasheet HTML 28Page - Seiko Instruments Inc S-1711 Datasheet HTML 29Page - Seiko Instruments Inc S-1711 Datasheet HTML 30Page - Seiko Instruments Inc S-1711 Datasheet HTML 31Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_01
S-1711 Series
27
Characteristics (Typical Data) (Per circuit)
1. Output Voltage vs. Output Current (When Load Current Increases) (Ta = 25°C)
VOUT = 1.5 V
VOUT = 3.0 V
0
100
200
400
1.5
1.0
0.5
0
IOUT [mA]
2.0
300
VIN = 1.8 V
2.0 V
2.5 V
6.5 V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IOUT [mA]
4.0
0
100
200
400
300
VIN = 3.3 V
3.5 V
4.0 V
6.5 V
VOUT = 5.0 V
0
100
200
400
5
3
1
0
IOUT [mA]
6
300
VIN = 5.3 V
5.5 V
6.0 V
6.5 V
4
2
Remark In determining the output current, attention should
be paid to the following.
1. The minimum output current value and
footnote *5 specified in Table 13 in the
“ Electrical Characteristics”
2. The package power dissipation
2. Output Voltage vs. Input Voltage (Ta = 25°C)
VOUT = 1.5 V
VOUT = 3.0 V
1.0
1.5
2.0
2.5
3.0
1.6
1.5
1.4
1.3
1.2
1.1
1.0
VIN [V]
3.5
IOUT = 1 mA
IOUT = 50 mA
IOUT = 30 mA
2.5
3.0
3.5
4.0
4.5
3.1
3.0
2.9
2.8
2.7
2.6
2.5
VIN [V]
5.0
IOUT = 1 mA
IOUT = 50 mA
IOUT = 30 mA
VOUT = 5.0 V
2.0
3.0
4.0
5.0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
VIN [V]
7.0
IOUT = 1 mA
IOUT = 50 mA
IOUT = 30 mA


Similar Part No. - S-1711

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1711 ABLIC-S-1711 Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
S-1711A1515-I6T1U ABLIC-S-1711A1515-I6T1U Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
S-1711A1515-M6T1X ABLIC-S-1711A1515-M6T1X Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
S-1711A1518-I6T1U ABLIC-S-1711A1518-I6T1U Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
S-1711A1526-I6T1U ABLIC-S-1711A1526-I6T1U Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
More results

Similar Description - S-1711

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1721 SII-S1721 Datasheet
570Kb / 42P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S1711 SII-S1711 Datasheet
517Kb / 44P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S1323 SII-S1323 Datasheet
534Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE
logo
ABLIC Inc.
S-1721 ABLIC-S-1721 Datasheet
695Kb / 42P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
logo
Seiko Instruments Inc
S-1721 SII-S-1721 Datasheet
530Kb / 38P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-13D1 SII-S-13D1 Datasheet
2Mb / 45P
   SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
ST111 SII-ST111 Datasheet
406Kb / 23P
   HIGH RIPPLE-REJECTION
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com