Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5742G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJE5742G
Description  NPN Silicon Power Darlington Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5742G Datasheet(HTML) 4 Page - ON Semiconductor

  MJE5742G Datasheet HTML 1Page - ON Semiconductor MJE5742G Datasheet HTML 2Page - ON Semiconductor MJE5742G Datasheet HTML 3Page - ON Semiconductor MJE5742G Datasheet HTML 4Page - ON Semiconductor MJE5742G Datasheet HTML 5Page - ON Semiconductor MJE5742G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE5740, MJE5742
www.onsemi.com
4
REVERSE BIAS SAFE OPERATING AREA AND INDUCTIVE SWITCHING
RESISTIVE
SWITCHING
OUTPUT WAVEFORMS
NOTE:
PW and VCC Adjusted for Desired IC
RB Adjusted for Desired IB1
PW
DUTY CYCLE
≤ 10%
tr, tf ≤ 10 ns
68
1
k
0.001
mF
0.02
mF
1N493
3
270
+5 V
1
k 2N2905
47
1/2
W
100
-VBE(off)
MJE20
0
T.U.T.
IB
RB
1N493
3
1N493
3
33
33
2N222
2
1
k
MJE21
0
VCC
+5 V
L
IC
MR826
*
Vclamp
*SELECTED FOR
≥ 1 kV
VCE
5.1
k
51
+VCC
RC
SCOPE
-4 V
D
1
RB
TUT
COIL DATA:
FERROXCUBE CORE #6656
FULL BOBBIN (~16 TURNS) #16
GAP FOR 200
mH/20 A
Lcoil = 200 mH
VCC = 30 V
VCE(pk) = 250 Vdc
IC(pk) = 6 A
VCC = 250 V
D1 = 1N5820 OR EQUIV.
IC
VCE
IC(pk)
t1
tf
t
t
t2
TIM­
E
VCE OR
Vclamp
tf
CLAMPED
t1 ADJUSTED TO
OBTAIN IC
t1
Lcoil (ICpk)
VCC
t2
Lcoil (ICpk)
Vclamp
TEST EQUIPMENT
SCOPE-TEKTRONICS
475 OR EQUIVALENT
+10 V
25
ms
0
- 9.2 V
tr, tf < 10 ns
DUTY CYCLE = 1%
RB AND RC ADJUSTED
FOR DESIRED IB AND IC
Table 1. Test Conditions for Dynamic Performance


Similar Part No. - MJE5742G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5742G ONSEMI-MJE5742G Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
More results

Similar Description - MJE5742G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com