Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5740 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJE5740
Description  NPN Silicon Power Darlington Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5740 Datasheet(HTML) 2 Page - ON Semiconductor

  MJE5740_15 Datasheet HTML 1Page - ON Semiconductor MJE5740_15 Datasheet HTML 2Page - ON Semiconductor MJE5740_15 Datasheet HTML 3Page - ON Semiconductor MJE5740_15 Datasheet HTML 4Page - ON Semiconductor MJE5740_15 Datasheet HTML 5Page - ON Semiconductor MJE5740_15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE5740, MJE5742
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (Note 2)
Collector−Emitter Sustaining Voltage
MJE5740
(IC = 50 mA, IB = 0)
MJE5742
VCEO(sus)
300
400
Vdc
Collector Cutoff Current (VCEV = Rated Value, VBE(off) = 1.5 Vdc)
(VCEV = Rated Value, VBE(off) = 1.5 Vdc, TC = 100_C)
ICEV
1
5
mAdc
Emitter Cutoff Current (VEB = 8 Vdc, IC = 0)
IEBO
75
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
IS/b
See Figure 6
Clamped Inductive SOA with Base Reverse Biased
RBSOA
See Figure 7
ON CHARACTERISTICS (Note 2)
DC Current Gain (IC = 0.5 Adc, VCE = 5 Vdc)
(IC = 4 Adc, VCE = 5 Vdc)
hFE
50
200
100
400
Collector−Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc)
Collector−Emitter Saturation Voltage (IC = 8 Adc, IB = 0.4 Adc)
Collector−Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc, TC = 100_C)
VCE(sat)
2
3
2.2
Vdc
Base−Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc)
Base−Emitter Saturation Voltage (IC = 8 Adc, IB = 0.4 Adc)
Base−Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc, TC = 100_C)
VBE(sat)
2.5
3.5
2.4
Vdc
Diode Forward Voltage (Note 3) (IF = 5 Adc)
Vf
2.5
Vdc
SWITCHING CHARACTERISTICS
Typical Resistive Load (Table 1)
Delay Time
(VCC = 250 Vdc, IC(pk) = 6 A
IB1 = IB2 = 0.25 A, tp = 25 ms,
Duty Cycle
v 1%)
td
0.04
ms
Rise Time
tr
0.5
ms
Storage Time
ts
8
ms
Fall Time
tf
2
ms
Inductive Load, Clamped (Table 1)
Voltage Storage Time
(IC(pk) = 6 A, VCE(pk) = 250 Vdc
IB1 = 0.06 A, VBE(off) = 5 Vdc)
tsv
4
ms
Crossover Time
tc
2
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width 300
ms, Duty Cycle = 2%.
3. The internal Collector−to−Emitter diode can eliminate the need for an external diode to clamp inductive loads. Tests have shown that the
Forward Recovery Voltage (Vf) of this diode is comparable to that of typical fast recovery rectifiers.
ORDERING INFORMATION
Device
Package
Shipping
MJE5740G
TO−220
(Pb−Free)
50 Units / Rail
MJE5742G
TO−220
(Pb−Free)


Similar Part No. - MJE5740_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5740G ONSEMI-MJE5740G Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
More results

Similar Description - MJE5740_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com