Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0720SC Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # P0720SC
Description  Excellent capability of absorbing transient surge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

P0720SC Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  P0720SC Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd P0720SC Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd P0720SC Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd P0720SC Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd P0720SC Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIEJIE MICROELECTRONICS CO. , Ltd
TEL:+86-513-83639777
PxxxxSC Series
DESCRIPTION:
PxxxxSC series thyristors are a type of semi
component. They are designed
equipment from damaging overvoltage transients.
such as modems, telephones, line cards, answering
machines, FAX machines, T1/E1, xDSL and more.
FEATURES:
 Excellent capability of absorbing transient surge
 Quick response to surge voltage (ns Level)
 Eliminates overvoltage caused by fast rising transients
 Moisture sensitivity level: Level 1
 Non degenerative
ABSOLUTE MAXIMUM RATINGS
Parameter
Storage temperature range
Operating junction temperature range
Repetitive peak pulse current
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
VDRM
Peak off-state voltage
IDRM
Off-state current
VS
Switching voltage
IS
Switching current
VT
On-state voltage
IT
On-state current
IH
Holding current
CO
Off-state capacitance
JIEJIE MICROELECTRONICS CO. , Ltd
- 1 / 5-
series thyristors are a type of semi-conduct
component. They are designed to protect baseband
equipment from damaging overvoltage transients.
modems, telephones, line cards, answering
machines, FAX machines, T1/E1, xDSL and more.
llent capability of absorbing transient surge
Quick response to surge voltage (ns Level)
Eliminates overvoltage caused by fast rising transients
Moisture sensitivity level: Level 1
RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise
Parameter
Symbol
Value
Storage temperature range
Tstg
-60 to +150
junction temperature range
Tj
-40 to +1
Repetitive peak pulse current
IPP
100
CHARACTERISTICS (TA=25℃)
Parameter
state voltage
state current
Switching voltage
Switching current
state voltage
state current
state capacitance
1
V-I Curve
-I
+I
-V
IT
IDRM
V
IS
IH
JIEJIE MICROELECTRONICS CO. , Ltd
http://www.jjwdz.com
Rev.1.0
unless otherwise noted)
Value
Unit
60 to +150
40 to +125
100
A
SMB
Symbol
2
+V
VT
VDRM VS


Similar Part No. - P0720SC

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P0720SC TECCOR-P0720SC Datasheet
423Kb / 2P
   SIDACtor Device
logo
UN Semiconducctor INC
P0720SC UNSEMI-P0720SC Datasheet
3Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Littelfuse
P0720SC LITTELFUSE-P0720SC Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
logo
HuaXinAn Electronics CO...
P0720SC HUAXINAN-P0720SC Datasheet
375Kb / 7P
   SIDACtor Protection Thyristors
logo
Socay Electornics Co., ...
P0720SC SOCAY-P0720SC Datasheet
356Kb / 5P
   Thyristor Surge Suppressors (TSS)
More results

Similar Description - P0720SC

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
CP1101SB JIEJIE-CP1101SB Datasheet
224Kb / 5P
   Excellent capability of absorbing transient surge
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
   Excellent capability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
   Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
   Excellent capability of absorbing transient surge
P0080SA JIEJIE-P0080SA Datasheet
228Kb / 5P
   Excellent capability of absorbing transient surge
P0220A JIEJIE-P0220A Datasheet
201Kb / 4P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
PXXXXTA LEIDITECH-PXXXXTA Datasheet
737Kb / 5P
   Excellent capability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
CP4200SB JIEJIE-CP4200SB Datasheet
214Kb / 5P
   Excellent capability of absorbing transient surge
P0080SB JIEJIE-P0080SB Datasheet
241Kb / 5P
   Excellent capability of absorbing transient surge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com