Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C04ADP-TB11-S Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-24C04ADP-TB11-S
Description  CMOS 2-WIRE SERIAL EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C04ADP-TB11-S Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-24C04ADP-TB11-S Datasheet HTML 2Page - Seiko Instruments Inc S-24C04ADP-TB11-S Datasheet HTML 3Page - Seiko Instruments Inc S-24C04ADP-TB11-S Datasheet HTML 4Page - Seiko Instruments Inc S-24C04ADP-TB11-S Datasheet HTML 5Page - Seiko Instruments Inc S-24C04ADP-TB11-S Datasheet HTML 6Page - Seiko Instruments Inc S-24C04ADP-TB11-S Datasheet HTML 7Page - Seiko Instruments Inc S-24C04ADP-TB11-S Datasheet HTML 8Page - Seiko Instruments Inc S-24C04ADP-TB11-S Datasheet HTML 9Page - Seiko Instruments Inc S-24C04ADP-TB11-S Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
CMOS 2-WIRED SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
6
Seiko Instruments Inc.
Table 10
VCC=4.5 to 5.5V
VCC=2.5 to 4.5V
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Write time
tWR
0.8
1.0
4.0
5.0
ms
Pin Functions
1. Address Input Pins (A0, A1, and A2)
Connect pins A0, A1, and A2 to the GND or the V
CC, respectively, to assign slave addresses. There are 8
different ways to assign slave addresses in the S-24C01A and S-24C02A through a combination of pins
A0, A1, and A2, and 4 ways to assign them in the S-24C04A through a combination of pins A1 and A2.
When the input slave address coincides with the slave address transmitted from the master device, 1
device can be selected from among multiple devices connected to the bus. Always connect the address
input pin to GND or V
CC and leave it unchanged.
2. SDA (Serial Data Input/Output) Pin
The SDA pin is used for bilateral transmission of serial data. It consists of a signal input pin and an Nch
open-drain transistor output pin.
Usually pull up the SDA line via resistance to the V
CC, and use it with other open-drain or open-collector
output devices connected in a wired OR configuration.
3. SCL (Serial Clock Input) Pin
The SCL pin is used for serial clock input. It is capable of processing signals at the rising and falling edges
of the SCL clock input signal. Make sure the rising time and falling time conform to the specifications.
4. TEST/WP Pin
The S-24C01A does not have a write protection (WP) function. The pin serves as a TEST pin and shoud
always be connect to the GND.
In the S-24C02A and S-24C04A, this pin is used for write protection. When there is no need for write
protection, connect the pin to the GND; when there is a need for write protection, connect the pin to the
Vcc.
Figure 5 Write Cycle
SCL
SDA
D0
Write data
Acknowledge
Stop
condition
Start
condition
tWR


Similar Part No. - S-24C04ADP-TB11-S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C04ADP SII-S-24C04ADP Datasheet
1Mb / 20P
   CMOS 2-WIRED SERIAL EEPROM
More results

Similar Description - S-24C04ADP-TB11-S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC08 HOLTEK-HT24LC08 Datasheet
160Kb / 11P
   CMOS 8K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com