Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-2158100-7 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 4-2158100-7
Description  5kV/10mm coil-contact, reinforced insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-2158100-7 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  4-2158100-7 Datasheet HTML 1Page - TE Connectivity Ltd 4-2158100-7 Datasheet HTML 2Page - TE Connectivity Ltd 4-2158100-7 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12-2015, Rev. 1215
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RZL
Coil Data
Coil voltage range
5 to 48VDC
Operative range, IEC 61810
2
Coil insulation system according UL1446
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
L005
5
3,5
0,5
47
530
L006
6
4,2
0,6
67
530
L009
9
6,3
0,9
153
530
L012
12
8,4
1,2
272
530
L024
24
16,8
2,4
1086
530
L048
48
33,6
4,8
4347
530
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
5000Vrms
Clearance/creepage
between contact and coil
≥10/10mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
Other Data
Material compliance: EU RoHS/ELV, China RoHS compliance,
Ambient temperature
standard version
-40 to 70°C
special applications
-40 to 85°C
Category of environmental protection
IEC 61810
RTII - flux proof; RTIII wash tight
Vibration resistance (functional), 30 to 500Hz
closing form A contact
>15g
opening form A contact
>20g
opening form B contact
>5g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Mounting distance
standard version
≥0mm
Weight
10g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/10s2)
Packaging/unit
tube/20 pcs., box/500 pcs.
2) The use of foaming flux is not permitted.
n
1 pole 12/16 A, 1 form C (CO) or 1 form A (NO) contact
n
DC coil 530 mW
n
5kV/10mm coil-contact, reinforced insulation
n
Ambient temperature 70°C (special applications 85°C)
Typical applications
Household appliances, boiler control, timers, garage door
control
Approvals
VDE Cert. No. 40023970, UL E214025, CQC 14001114367,
CQC 14002113865
Technical data of approved types on request
Contact Data
12A
16A
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
12A
16A
Limiting making current (form A contact)
max. 4s, duty factor 10%
30A
Breaking capacity max.
3000VA
4000VA
Contact material
AgNi 90/10
Contact style
single contact
Frequency of operation, with/without load
360/72000h-1
Operate/release time max.
8/6ms
Bounce time max., form A/form B
4/6ms
Contact ratings
Type
Contact
Load
Cycles
IEC 618101)
RZL3-1A4.
A (NO)
16A, 250VAC, 85°C
50x103
RZL3-1C4.
C (CO)
16A, 250VAC, 85°C
10x103
RZL3-1A4.
A (NO)
16A, 250VAC, 70°C
100x103
RZL1-1A4
A (NO)
12A, 250VAC, 85°C
100x103
RZL1-1A4
A (NO)
16A, 250VAC, 70°C
100x103
RZL3-1A4.
A (NO)
8A, cos
φ=0.4, 250VAC, 25°C
100x103
RZL3-1C4.
B (NC)
8A, 250VAC, 25°C
100x103
UL 5081)
RZL3-1A4.
A (NO)
16A, 250VAC, 85°C
50x103
RZL3-1C4.
C (CO)
16A, 250VAC, 85°C
10x103
RZL3-1A4.
A (NO)
16A, 250VAC, 70°C
100x103
RZL1-1A4
A (NO)
12A, 250VAC, 85°C
100x103
RZL1-1A4
A (NO)
16A, 250VAC, 70°C
100x103
RZL1/3-1A4.
A (NO)
1hp, 240VAC, 25°C
6x103
RZL1/3-1A4.
A (NO)
1/2hp, 120VAC, 70°C
6x103
1) Ratings only for RZL flux proof (R) version. Wash tight ratings on request
F0305-A
Z


Similar Part No. - 4-2158100-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-215877-1 TEC-4-215877-1 Datasheet
517Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 4-2158100-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
   5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RTH TEC-RTH Datasheet
283Kb / 2P
   5kV/10mm coil-contact
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
   Reinforced insulation between contact circuits
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com