Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

567200-3 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 567200-3
Description  Crimping Die Assemblies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

567200-3 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  567200-3 Datasheet HTML 1Page - TE Connectivity Ltd 567200-3 Datasheet HTML 2Page - TE Connectivity Ltd 567200-3 Datasheet HTML 3Page - TE Connectivity Ltd 567200-3 Datasheet HTML 4Page - TE Connectivity Ltd 567200-3 Datasheet HTML 5Page - TE Connectivity Ltd 567200-3 Datasheet HTML 6Page - TE Connectivity Ltd 567200-3 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Instruction Sheet
Crimping Die Assemblies
408--2822
LOC B
1
of 7
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks.
*Trademark. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
21 Mar 11 Rev B
59826- 1, 59827- 1, and 59828- 1
Moving
Dies
Stationary
Dies
Color
Code
DIES
APPLICATOR
(DOCUMENT)
MACHINED
(DOCUMENT)
567200--2
1901700--[ ] (409--10078)
59826--1
59827--1
59828--1
567200--3
354500--[ ] (409--5842)
1490501--[ ] (409--10029)
1725900--[ ] (409--10047)
1725910--[ ] (409--10027)
1725950--[ ] (409--10047)
1901700--[ ] (409--10078)
687658--1
122500--[ ] (409--5852)
356500--[ ] (409--5878)
D
Other Tyco Electronic machines may be available. Contact the
Tooling Assistance Center number at the bottom of this page for more
information.
Figure 1
1. INTRODUCTION
This Instruction Sheet (IS) covers the use and care of
Crimping Die Assemblies 59826--1, 59827--1, and
59828--1. See Figure 1. These dies are used to crimp
the PIDG* and PLASTI--GRIP* FASTON* terminals
and splices listed in Figure 2 which are designed to
be used in the various applicators and machines
listedinFigure1.
For complete instructions concerning the related
applicators or machines, refer to the customer
documents supplied with the respective tooling.
These documents will explain further instructions
relative to tooling adjustments, die installation, tape
loading, maintenance, etc.
Read this sheet thoroughly before installing or using
the die assemblies. Reason for revision is provided in
Section 8, REVISION SUMMARY.
Dimensions in this document are in millimeters
and [inches]. Figures and illustrations are for
reference only and are not drawn to scale.
2. DESCRIPTION
These die assemblies consists of two stationary dies
and two movable dies. These features allow one set
of dies to crimp the wire barrel while crimping the
insulation simultaneously. See Figure 1.
Refer to Catalogs 82004 and 82042 for complete
product information and features.
Avoid personal injury. Always disconnect machine
from power supply when performing adjustments,
die installation or removal, and machine
maintenance. Always keep guards and covers in
place during normal machine operation.
3. WIRE PREPARATION AND CRIMP INSTRUCTIONS
Figure 2 lists the preferred wire strip lengths for
products discussed in this publication. However,
depending on your wire stripping machine adjustment
(strip length) capabilities, wire strip length may be
increased to the nearest 0.8 mm [.031 in.] if
necessary.
Do not use wires with nicked or missing
conductor strands.
Refer to the respective machine manual for crimp
instructions.
4. COLOR AND DOT CODE
Dies, terminals, and splices are color--coded for a
given wire range as shown in Figure 2. Color coding
is used as a method of verifying that the correct
combination of die set and terminal or splice was
used.
NOTE
i
DANGER
CAUTION
!


Similar Part No. - 567200-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
5672 PHILIPS-5672 Datasheet
64Kb / 3P
   SUBMINIATURE PENTODE FOR USE AS A.F. POWER AMPLIFIER IN PORTABLE EQUIMENT
3.3.1957
logo
Cooper Bussmann, Inc.
5672-11 COOPER-5672-11 Datasheet
83Kb / 1P
   Fuse Clips with Mounting Holes
logo
Tyco Electronics
567273-2 MACOM-567273-2 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
567273-3 MACOM-567273-3 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
567273-4 MACOM-567273-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 567200-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
   Crimping Die Assemblies
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com