Electronic Components Datasheet Search |
|
SAA5296H Datasheet(PDF) 11 Page - NXP Semiconductors |
|
SAA5296H Datasheet(HTML) 11 Page - NXP Semiconductors |
11 / 68 page 1997 Jul 07 11 Philips Semiconductors Preliminary specification Economy teletext and TV microcontrollers SAA5x9x family 7.3.5 6-BIT PWM DACS Eight 6-bit DACs are available to allow direct control of analog parts of the television. Each low resolution 6-bit DAC is controlled by its associated Special Function Register (PWM0 to PWM7). The PWM outputs are alternative functions of Port 2 and Port 3.4. The PWE bit in the SFR for the port corresponding to the PWM should be set to logic 1 for correct operation of the PWM, e.g. if PWM0 is to be used, P2.1 should be set to logic 1 setting the port pin to high-impedance. 7.3.5.1 Pulse Width Modulator Registers (PWM0 to PWM7) Table 3 Pulse Width Modulator Registers (see Table 10 for addresses) Table 4 Description of PWMn bits (n = 0 to 7) 76543210 PWE − PV5 PV4 PV3 PV2 PV1 PV0 BIT SYMBOL DESCRIPTION 7 PWE If PWE is set to a logic 1, the corresponding PWM is active and controls its assigned port pin. If PWE is set to a logic 0, the port pin is controlled by the corresponding bit in the port SFR. 6 − Not used. 5 PV5 The output of the PWM is a pulse of period 21.33 µs with a pulse HIGH time determined by the binary value of these 6-bits multiplied by 0.33 µs. PV5 is the most significant bit. 4 PV4 3 PV3 2 PV2 1 PV1 0 PV0 |
Similar Part No. - SAA5296H |
|
Similar Description - SAA5296H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |