Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1702BCJ01-I6T1U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-1702BCJ01-I6T1U
Description  Built-in overcurrent protection circuit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1702BCJ01-I6T1U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-1702BCJ01-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1702BCJ01-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1702BCJ01-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1702BCJ01-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-1702BCJ01-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-1702BCJ01-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-1702BCJ01-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-1702BCJ01-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc S-1702BCJ01-I6T1U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
Rev.2.2_01
S-1702 Series
11
2. Discharge shunt circuit (discharge shunt function) (S-1702Axx, Bxx, Cxx, Exx, Fxx, Gxx, Jxx, Lxx, Nxx)
Table 8
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
“L” output, Nch on resistor
RLOW
VDS = 0.5 V, VGS = 6.5 V
100
Ω
3
3. Detector output circuit (VDOUT pin)
Table 9
Nch open drain output (S-1702xAx, xDx, xGx)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output current
IDOUT1
Output transistor: Nch,
VDS = 0.5 V, VDD = 1.2 V
1.36
2.55
mA
7
Leakage current
ILEAK
Output transistor: Nch,
VDS = 5.5 V, VDD = 5.5 V
100
nA
7
CMOS output (S-1702xBx, xCx, xEx, xFx, xHx, xJx)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output current
IDOUT2
Output transistor: Nch,
VDS = 0.5 V, VIN = 1.2 V
1.36
2.55
mA
7
IDOUT3
Output transistor: Pch,
VDS = 0.5 V, VIN = 5.5 V
1.71
2.76
mA
8
4. RESX pin (S-1702Axx, Bxx, Cxx, Dxx, Exx, Fxx, Gxx, Hxx)
Table 10
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
RESX pin input voltage “H”*1 VSH2
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
1.2
V
4
RESX pin input voltage “L”
VSL2
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
0.3
V
4
RESX pin input current “H”
ISH2
VIN = 6.5 V, VRESX = 6.5 V
S-1702xxA
−0.1
0.1
μA
4
S-1702xxB
−0.1
0.1
μA
4
S-1702xxC
−0.1
0.1
μA
4
RESX pin input current “L”
ISL2
VIN = 6.5 V, VRESX = 0 V
S-1702xxA
−0.1
0.1
μA
4
S-1702xxB
−0.1
0.1
μA
4
S-1702xxC
−0.1
0.1
μA
4
*1. VOUT(S): set output voltage value
5. Pull-up / pull-down resistor value of ON / OFF pin and RESX pin (S-1702xxB, xxC, xxD, xxE, xxF xxG, xxH, xxJ)
Table 11
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Pull-up / pull-down resistor
RPULL
2.0
M
Ω
4


Similar Part No. - S-1702BCJ01-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
S-1701A1541-M5T1X ABLIC-S-1701A1541-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701A1815-M5T1G SII-S-1701A1815-M5T1G Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701A1815-M5T1X ABLIC-S-1701A1815-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results

Similar Description - S-1702BCJ01-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1317A10-M5T1U4 SII-S-1317A10-M5T1U4 Datasheet
2Mb / 31P
   Built-in overcurrent protection circuit
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Sanken electric
SPF3006 SANKEN-SPF3006 Datasheet
52Kb / 2P
   Built-in drooping type overcurrent and thermal protection circuits
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
   Built-in Fold Back Protection Circuit
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
B59048A1080B110 EPCOS-B59048A1080B110 Datasheet
66Kb / 4P
   Overcurrent protection in MDF modules
logo
Shenzhenshi YONGFUKANG ...
HR4988 YONGFUKANG-HR4988 Datasheet
3Mb / 31P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
logo
Jiaxing Heroic Technolo...
HR4982 HEROIC-HR4982 Datasheet
426Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
HR4988 HEROIC-HR4988 Datasheet
429Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com