Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NECVR4102 Datasheet(PDF) 29 Page - Epson Company

Part # NECVR4102
Description  SED1374 Embedded Memory Color LCD Controller
Download  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

NECVR4102 Datasheet(HTML) 29 Page - Epson Company

Back Button NECVR4102 Datasheet HTML 25Page - Epson Company NECVR4102 Datasheet HTML 26Page - Epson Company NECVR4102 Datasheet HTML 27Page - Epson Company NECVR4102 Datasheet HTML 28Page - Epson Company NECVR4102 Datasheet HTML 29Page - Epson Company NECVR4102 Datasheet HTML 30Page - Epson Company NECVR4102 Datasheet HTML 31Page - Epson Company NECVR4102 Datasheet HTML 32Page - Epson Company NECVR4102 Datasheet HTML 33Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 420 page
background image
Epson Research and Development
Page 21
Vancouver Design Center
Hardware Functional Specification
SED1374
Issue Date: 99/04/29
X26A-A-001-02
5.2.3 Clock Input
5.2.4 Miscellaneous
5.2.5 Power Supply
FPLINE
O
38
CN3
0
Line Pulse
FPSHIFT
O
28
CN3
0
Shift Clock
LCDPWR
O
43
CO1
0 if CNF4 = 1
1 if CNF4 = 0
LCD Power Control
DRDY
O
42
CN3
0
This pin has multiple functions.
• TFT/MD-TFD Display Enable (DRDY).
• LCD Backplane Bias (MOD).
• Second Shift Clock (FPSHIFT2).
See
“LCD Interface Pin Mapping” for summary.
Pin Name
Type
Pin #
Driver
Description
CLKI
I
51
C
Input Clock
Pin Name
Type
Pin #
Cell
RESET#
State
Description
CNF[4:0]
I
45, 46, 47,
48, 49
C
As set by
hardware
These inputs are used to configure the SED1374 - see
“Summary of Configuration Options”.
Must be connected directly to IO VDD or VSS.
GPIO0
I/O,
I
22
CS/
TS1
Input
This pin has multiple functions - see REG[03h] bit 2.
• General Purpose Input/Output pin.
• Hardware Power Save.
TESTEN
I
44
CD
High
Impedance
Test Enable input. This input must be connected to VSS.
Pin Name
Type
Pin #
Driver
Description
COREVDD
P
1, 21, 41,
61
PCore VDD
IOVDD
P
10, 29, 52
P
IO VDD
VSS
P
20, 27, 40,
50, 60, 72,
80
P
Common VSS
Pin Name
Type
Pin #
Cell
RESET#
State
Description


Similar Part No. - NECVR4102

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NEC66219 CEL-NEC66219 Datasheet
329Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
NICHIA CORPORATION
NECB426BT NICHIA-NECB426BT Datasheet
249Kb / 13P
   CHIP TYPE BLUE LED
NECBB205T NICHIA-NECBB205T Datasheet
407Kb / 13P
   TYPE BLUE LED
NECG426BT NICHIA-NECG426BT Datasheet
250Kb / 13P
   TYPE GREEN LED
NECGB205T NICHIA-NECGB205T Datasheet
423Kb / 13P
   TYPE GREEN LED
More results

Similar Description - NECVR4102

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
logo
STMicroelectronics
AN2641 STMICROELECTRONICS-AN2641 Datasheet
424Kb / 37P
   Using the color LCD controller
logo
Epson Company
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com