Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R60QR2470AA50M Datasheet(PDF) 6 Page - Kemet Corporation

Part # R60QR2470AA50M
Description  General Purpose Metallized Polyester Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60QR2470AA50M Datasheet(HTML) 6 Page - Kemet Corporation

Back Button R60QR2470AA50M Datasheet HTML 2Page - Kemet Corporation R60QR2470AA50M Datasheet HTML 3Page - Kemet Corporation R60QR2470AA50M Datasheet HTML 4Page - Kemet Corporation R60QR2470AA50M Datasheet HTML 5Page - Kemet Corporation R60QR2470AA50M Datasheet HTML 6Page - Kemet Corporation R60QR2470AA50M Datasheet HTML 7Page - Kemet Corporation R60QR2470AA50M Datasheet HTML 8Page - Kemet Corporation R60QR2470AA50M Datasheet HTML 9Page - Kemet Corporation R60QR2470AA50M Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3103_R60 • 9/23/2016
6
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R60 Series, Radial, 10 – 37.5 mm Lead Spacing, 63 – 1,000 VDC (Automotive Grade)
Maximum Voltage (V
rms) vs. Frequency (Sinusoidal Waveform/Th ≤ 40°C)
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
63 Vdc / 40 Vac
1 µF p=10.0
2.2 µF p=15.0
4.7 µF p=15.0
6.8 µF p=22.5
47 µF p=27.5
100 µF p=37.5
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
100 Vdc / 63 Vac
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
160 Vdc / 90 Vac
0.22 µF p=10.0
0.47 µF p=10.0
1
µF p=15.0
2.2 µF p=22.5
4.7 µF p=22.5
6.8 µF p=27.5
47 µF p=37.5
0.33 µF p=10.0
0.47 µF p=10.0
1
µF p=15.0
2.2 µF p=15.0
4.7 µF p=22.5
10 µF p=27.5
68 µF p=37.5
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
250 Vdc / 160 Vac
0.1 µF p=10.0
0.22µF p=10.0
0.47µF p=15.0
1
µF p=15.0
2.2 µF p=22.5
4.7 µF p=27.5
33 µF p=37.5
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
400 Vdc / 200 Vac
0.033 µF p=10.0
0.1
µF p=10.0
0.22 µF p=15.0
0.47 µF p=22.5
1
µF p=22.5
2.2
µF p=27.5
15
µF p=37.5
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
630 Vdc / 220 Vac
0.01 µF p=10.0
0.047 µF p=15.0
0.1 µF p=15.0
0.22 µF p=22.5
0.47 µF p=27.5
1
µF p=37.5
4.7 µF p=37.5
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
1000 Vdc / 250 Vac
0.0033 µF p=10.0
0.01 µF p=15.0
0.022 µF p=15.0
0.047 µF p=22.5
0.1
µF p=22.5
0.15 µF p=27.5
2.2
µF p=37.5


Similar Part No. - R60QR2470AA50M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60QR34705040K KEMET-R60QR34705040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.47 uF, 10%, 1,000 V, 85C, Lead Spacing = 27.5mm
R60QR3470AA40K KEMET-R60QR3470AA40K Datasheet
54Kb / 1P
   R60, Film, Metallized Polyester, Commercial Grade, 0.47 uF, 10%, 1,000 V, 85C, Lead Spacing = 27.5mm
R60QR41005040K KEMET-R60QR41005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 1 uF, 10%, 1,000 V, 85C, Lead Spacing = 27.5mm
More results

Similar Description - R60QR2470AA50M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com