Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGM2464B Datasheet(PDF) 5 Page - AZ Displays

Part # AGM2464B
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AGM2464B Datasheet(HTML) 5 Page - AZ Displays

  AGM2464B Datasheet HTML 1Page - AZ Displays AGM2464B Datasheet HTML 2Page - AZ Displays AGM2464B Datasheet HTML 3Page - AZ Displays AGM2464B Datasheet HTML 4Page - AZ Displays AGM2464B Datasheet HTML 5Page - AZ Displays AGM2464B Datasheet HTML 6Page - AZ Displays AGM2464B Datasheet HTML 7Page - AZ Displays AGM2464B Datasheet HTML 8Page - AZ Displays AGM2464B Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AGM2464B SERIES GRAPHIC MODULE VER1.1
AZ DISPLAYS, INC.
11/10/06
4
2.0
MECHANICAL SPECS
1.
Overall Module Size
180.0mm(W) x 65.0mm(H) x max 14.5mm(D) for LED backlight
version
180.0mm(W) x 65.0mm(H) x max 10.5mm(D) for reflective
version
2.
Dot Size
0.49mm(W) x 0.49mm(H)
3.
Dot Pitch
0.53mm(W) x 0.53mm(H)
4.
Duty
1/64
5.
Controller IC
T6963C
6.
LC Fluid Options
STN, FSTN
7.
Polarizer Options
Reflective, Transflective, Transmissive
8.
Backlight Options
LED
9.
Temperature Range Options
Standard (0ºC ~ 50ºC), Wide (-20ºC ~ 70ºC)
3.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature (Standard)
Top
0
-
50
ºC
Storage temperature (Standard)
Tst
-10
-
60
ºC
Operating temperature (Wide temperature)
Top
-20
-
70
ºC
Storage temperature (Wide temperature)
Tst
-30
-
80
ºC
Input voltage
Vin
-0.3
-
Vdd+0.3
V
Supply voltage for logic
Vdd- Vss
-0.3
-
7.0
V
Supply voltage for LCD drive
Vdd- Vo
12.5
33
V
4.0 ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Input voltage (high)
Vih
H level
Vdd-2.2
-
Vdd
V
Input voltage (low)
Vil
L level
0
-
0.8
V
0ºC
12.5
13.0
-
25ºC
12.3
12.8
-
Recommended LC Driving
Voltage (Standard Temp)
Vdd - Vo
50ºC
12.0
12.5
-
V
-20ºC
13.0
13.3
-
0ºC
12.5
13.0
-
50ºC
12.0
12.5
-
Recommended LC Driving
Voltage (Wide Temp)
Vdd -Vo
70ºC
11.5
12.0
-
V
Power Supply Current
Idd
Vdd=5.0V
-
10
16.0
mA
A(Enable for White BL)
VA-VK
-
2.0
2.3
5.0
V
LED Power Supply Current
Ifled
RL=0
?
-
200
400
mA
A(Enable for Green BL)
VA-VK
-
2.0
2.3
5.0
V
LED Power Supply Current
Ifled
RL=1.25
?
-
660
1300
mA
5.0 OPTICAL CHARACTERISTICS


Similar Part No. - AGM2464B

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AGM2464B ZETTLER-AGM2464B Datasheet
142Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AGM2464B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com