Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI7654 Datasheet(PDF) 1 Page - Epson Company

Part # SCI7654
Description  DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7654 Datasheet(HTML) 1 Page - Epson Company

  SCI7654 Datasheet HTML 1Page - Epson Company SCI7654 Datasheet HTML 2Page - Epson Company SCI7654 Datasheet HTML 3Page - Epson Company SCI7654 Datasheet HTML 4Page - Epson Company SCI7654 Datasheet HTML 5Page - Epson Company SCI7654 Datasheet HTML 6Page - Epson Company SCI7654 Datasheet HTML 7Page - Epson Company SCI7654 Datasheet HTML 8Page - Epson Company SCI7654 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DC/DC Converter
PF754-03
SCI7654M0A/C0A
DESCRIPTION
The SCI7654 is a highly efficient, but low power-consumption DC-to-DC converter based on the advanced CMOS
technologies. It can generate an output voltage double/triple/quadruple times higher than the input (in negative
direction) if 4/3/2 external capacitors are attached.
With a built-in voltage regulator, the SCI7654 can provide a stable output by setting the DC/DC output to any voltage
via two external resistors. This is optimum to the LCD panel power supply as the stable output can have the negative
temperature gradient required for an LCD panel.
FEATURES
An input voltage can be boosted double/triple/quadruple to negative potential.
Input voltages: –2.4 to –5.5V (quadruple boosting), –2.4 to –7.3V (triple boosting), –2.4 to –11.0V (double
boosting)
Excellent vol tage conversion efficiency: 95% (Typ.)
Large output current: 20 mA (Max.) during quadruple boosting
Built-in voltage regulator (for stable voltage output)
Built-in reference voltage source for accurate regulation: –1.5
±0.05V (CT0)
Regulator output voltage temperature gradient function: –0.04, –0.15, –0.35, –0.55%/˚C
Low current consumption: 130
µA (Typ.)
Low standby current: 5.0
µA (Max.)
Built-in oscillator circuit
5/6-time voltage boosting in negative potential by serial connection
Package: SCI7654M0A SSOP2-16pin (plastic), SCI7654C0A DIP-16pin (plastic)
BLOCK DIAGRAM
Double/Triple/Quadruple Boosting
95% Excellent Power Conversion Efficiency
Built-in Voltage Regulator
VDD
POFF1
POFF2
FC
VIN
C1P
C2P
C1N
C3N
C2N
TC1
TC2
RV
VREG
VRI
VOUT
Power-Off
Control
Clock
Generator
Voltage Converter
Booster Control
Ref. Voltage
Circuit
Voltage Regulator


Similar Part No. - SCI7654

ManufacturerPart #DatasheetDescription
logo
Epson Company
SCI7660 EPSON-SCI7660 Datasheet
52Kb / 6P
   DC-DC Converter
SCI7661 EPSON-SCI7661 Datasheet
113Kb / 9P
   DC-DC Converter
SCI7661C EPSON-SCI7661C Datasheet
113Kb / 9P
   DC-DC Converter
SCI7661M EPSON-SCI7661M Datasheet
113Kb / 9P
   DC-DC Converter
More results

Similar Description - SCI7654

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com