Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1702FFF01-I6T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-1702FFF01-I6T1U
Description  Built-in overcurrent protection circuit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1702FFF01-I6T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-1702FFF01-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1702FFF01-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1702FFF01-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1702FFF01-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1702FFF01-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-1702FFF01-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-1702FFF01-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-1702FFF01-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-1702FFF01-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
S-1702 Series
Rev.2.2_01
10
Table 7 (2 / 2)
Detector block
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage*6
−VDET
−VDET(S)
×0.99
−VDET(S)
−VDET(S)
×1.01
V
6
Hysteresis width
VHYS
S-1702xAx, S-1702xBx, S-1702xCx
−VDET
×0.035
−VDET
×0.05
−VDET
×0.065
V
6
S-1702xDx, S-1702xEx, S-1702xFx
−VDET
×0.01
−VDET
×0.025
−VDET
×0.04
V
6
S-1702xGx, S-1702xHx, S-1702xJx
0
−VDET
×0.015
V
6
Current consumption
during operation*1
ISS2
1.3 V
≤ −VDET(S) < 2.3 V
VIN =
−VDET(S) + 1.5 V
2.4
4.0
μA
2
VIN = 5.5 V
2.6
4.5
μA
2
2.3 V
≤ −VDET(S) < 5.2 V
VIN =
−VDET(S) + 1.5 V
2.2
3.5
μA
2
VIN = 5.5 V
2.3
4.0
μA
2
Input voltage
VIN
0.8
6.5
V
Detection voltage
temperature
coefficient *7
ΔTa −VDET
Δ−VDET
Ta =
−40°C to +85°C*9
±100
±400
ppm/
°C
6
*1.
Excluding current flowing in pull-up and pull-down resistors connected to the ON / OFF or RESX pins
*2.
VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT (= 30 mA) and inputting VOUT(S)
+ 1.0 V
*3.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*4.
Vdrop = VIN1
− (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*5.
A change in the temperature of the regulator output voltage [mV/°C] is calculated using the following equation.
ΔTa • VOUT
ΔVOUT
[mV/°C]
*1 = VOUT(S) [V]*2 ×
ΔVOUT
[ppm/°C]
*3 ÷ 1000
ΔTa
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*6.
−VDET(S) : Set detection voltage
−VDET : Actual detection voltage
*7.
A change in the temperature of the detector detection voltage [mV/°C] is calculated using the following equation.
ΔTa • −VDET
Δ−VDET
[mV/°C]
*1 = −VDET(S) (Typ.) [V]*2 ×
Δ−VDET
[ppm/°C]
*3 ÷ 1000
ΔTa
*1. Change in temperature of detection voltage
*2. Set detection voltage
*3. Detection voltage temperature coefficient
*8.
The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large. This specification is guaranteed by design.
*9.
Since products are not screened at high and low temperatures, the specification for this temperature range is
guaranteed by design, not tested in production.


Similar Part No. - S-1702FFF01-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
S-1701A1541-M5T1X ABLIC-S-1701A1541-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701A1815-M5T1G SII-S-1701A1815-M5T1G Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701A1815-M5T1X ABLIC-S-1701A1815-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results

Similar Description - S-1702FFF01-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1317A10-M5T1U4 SII-S-1317A10-M5T1U4 Datasheet
2Mb / 31P
   Built-in overcurrent protection circuit
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Sanken electric
SPF3006 SANKEN-SPF3006 Datasheet
52Kb / 2P
   Built-in drooping type overcurrent and thermal protection circuits
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
   Built-in Fold Back Protection Circuit
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
B59048A1080B110 EPCOS-B59048A1080B110 Datasheet
66Kb / 4P
   Overcurrent protection in MDF modules
logo
Shenzhenshi YONGFUKANG ...
HR4988 YONGFUKANG-HR4988 Datasheet
3Mb / 31P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
logo
Jiaxing Heroic Technolo...
HR4982 HEROIC-HR4982 Datasheet
426Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
HR4988 HEROIC-HR4988 Datasheet
429Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com