Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1410C50-A8T1U4 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1410C50-A8T1U4
Description  Watchdog operation is switchable
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1410C50-A8T1U4 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1410C50-A8T1U4 Datasheet HTML 1Page - Seiko Instruments Inc S-1410C50-A8T1U4 Datasheet HTML 2Page - Seiko Instruments Inc S-1410C50-A8T1U4 Datasheet HTML 3Page - Seiko Instruments Inc S-1410C50-A8T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1410C50-A8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1410C50-A8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1410C50-A8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1410C50-A8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1410C50-A8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
S-1410/1411 Series
www.sii-ic.com
LOW CURRENT CONSUMPTION WATCHDOG TIMER
WITH RESET FUNCTION
© SII Semiconductor Corporation, 2015-2016
Rev.2.0_00
1
The S-1410/1411 Series is a watchdog timer developed using CMOS technology, which can operate with low current
consumption of 3.8
μA typ. The reset function and the low voltage detection function are available.
Features
• Detection voltage:
2.0 V to 5.0 V, selectable in 0.1 V step
• Detection voltage accuracy:
±1.5%
• Input voltage:
VDD = 0.9 V to 6.0 V
• Hysteresis width:
5% typ.
• Current consumption:
3.8
μA typ.
• Reset time-out period:
14.5 ms typ. (CPOR = 2200 pF)
• Watchdog operation is switchable:
Enable, Disable
• Watchdog operation voltage range:
2.5 V to 6.0 V
• Watchdog mode switching function
*1:
Time-out mode, window mode
• Watchdog input edge is selectable:
Rising edge, falling edge, both rising and falling edges
• Product type is selectable:
S-1410 Series
(Product with W
___
/ T pin (Output: WDO
________
pin))
S-1411 Series
(Product without W
___
/ T pin (Output: RST
_______
pin, WDO
________
pin))
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
*1. The S-1411 Series is fixed to the window mode.
Applications
• Power supply monitoring of microcontroller mounted apparatus and system monitoring
Packages
• TMSOP-8
• HSNT-8(2030)


Similar Part No. - S-1410C50-A8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1410 ABLIC-S-1410 Datasheet
1Mb / 47P
   105°COPERATION, 3.8 μA CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.3_00
More results

Similar Description - S-1410C50-A8T1U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19400 SII-S-19400 Datasheet
3Mb / 36P
   Watchdog operation voltage range
logo
Purdy Electronics Corpo...
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
   switchable modems
logo
STMicroelectronics
M48T254V STMICROELECTRONICS-M48T254V Datasheet
359Kb / 24P
   CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
May 2003 Rev. 2.0
logo
Amphenol Wilcoxon Sensi...
VLL WILCOXON-VLL Datasheet
376Kb / 2P
   Switchable junction boxes
Rev.A.2 10/18
VLS WILCOXON-VLS Datasheet
327Kb / 2P
   Switchable junction boxes
Rev.B.1 10/18
logo
IXYS Corporation
IXCP10M45S IXYS-IXCP10M45S Datasheet
520Kb / 2P
   Switchable Current Regulators
IXCP10M90S IXYS-IXCP10M90S Datasheet
347Kb / 1P
   Switchable Current Regulators
IXCP10M35S IXYS-IXCP10M35S Datasheet
92Kb / 2P
   Switchable Current Regulators
logo
Rohm
BU520XX_BD7411G_REVF ROHM-BU520XX_BD7411G_REVF Datasheet
619Kb / 32P
   Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com