Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1212BB0-M5T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-1212BB0-M5T1U
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1212BB0-M5T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-1212BB0-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1212BB0-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1212BB0-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1212BB0-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1212BB0-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1212BB0-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1212BB0-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1212BB0-M5T1U Datasheet HTML 10Page - Seiko Instruments Inc S-1212BB0-M5T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.0_00
S-1212B/D Series
7
6. SOT-23-5
13
2
4
5
Top view
Figure 7
Table 10
Pin No.
Symbol
Description
1
VIN
Input voltage pin
2
VSS
GND pin
3
NC
*1
No connection
4
ON / OFF
ON / OFF pin
5
VOUT
Output voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.


Similar Part No. - S-1212BB0-M5T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
logo
Seiko Instruments Inc
S-1212B33-E6T1U SII-S-1212B33-E6T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-E8T1U SII-S-1212B33-E8T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-M5T1U SII-S-1212B33-M5T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-S8T1U SII-S-1212B33-S8T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1212BB0-M5T1U

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com