Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX70G Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # BCX70G
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BCX70G Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  BCX70G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BCX70G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BCX70G Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BCX70G Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BCX70G Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BCX70G Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BCX70G Datasheet HTML 7Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
http://www.yeashin.com
3
REV.02 20120403
BCX70G-J-K
DEVICE CHARACTERISTICS
Noise Figure is Defined as:
NF = 20 log
10 ( –––––––––––––––)
1/ 2
e
n = Noise Voltage of the Transistor referred to the input. (Figure 3)
I
n
= Noise Current of the Transistor referred to the input. (Figure 4)
K
= Boltzman’s Constant (1.38 x 10 –23 j/°K)
T
= Temperature of the Source Resistance (°K)
R
s = Source Resistance ( Ω )
e
n
2 +4KTR
S +I n
2 R
S
2
4KTR
S
TYPICAL NOISE CHARACTERISTICS
(V
CE = 5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 3. Noise Voltage
f, FREQUENCY (Hz)
Figure 4. Noise Current
I
C , COLLECTOR CURRENT (µA)
Figure 5. Narrow Band, 100 Hz
I
C , COLLECTOR CURRENT (µA)
Figure 7. Wideband
I
C , COLLECTOR CURRENT (µA)
Figure 6. Narrow Band, 1.0 kHz
BANDWIDTH = 1.0 Hz
R
S
0
I
C=1.0 mA
100
µA
300
µA
30
µA
10
µA
BANDWIDTH = 1.0 Hz
R
S
I
C=1.0mA
300
µA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
NOISE FIGURE CONTOURS
(V
CE = 5.0 Vdc, T A = 25°C)
20
10
7.0
5.0
3.0
2.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10 k
10
20
50
100
200
500
1.0k
2.0k
5.0k
10 k
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
50
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
2.0 dB
3.0 dB 4.0dB
6.0 dB
10 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB
10 Hz to 15.7KHz
10
µA
1.0 dB
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
50
~
~
~
~


Similar Part No. - BCX70G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70G PHILIPS-BCX70G Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
   NPN Small Signal Transistor 250mW
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Central Semiconductor C...
BCX70G CENTRAL-BCX70G Datasheet
329Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
logo
Siemens Semiconductor G...
BCX70G SIEMENS-BCX70G Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCX70G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com