Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846BPDW Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BC846BPDW
Description  Pb?묯ree Package is Available
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC846BPDW Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BC846BPDW Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC846BPDW Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC846BPDW Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC846BPDW Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC846BPDW Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC846BPDW Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BC846BPDW Datasheet HTML 7Page - Yea Shin Technology Co., Ltd BC846BPDW Datasheet HTML 8Page - Yea Shin Technology Co., Ltd BC846BPDW Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
http://www.yeashin.com
2
REV.02 20120403
BC846BPDW/BC847BPDW
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (NPN) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 10 mA)
BC846 Series
BC847 Series
BC848 Series
V(BR)CEO
65
45
30
V
Collector − Emitter Breakdown Voltage
(IC = 10 mA, VEB = 0)
BC846 Series
BC847B Only
BC848 Series
V(BR)CES
80
50
30
V
Collector − Base Breakdown Voltage
(IC = 10 mA)
BC846 Series
BC847 Series
BC848 Series
V(BR)CBO
80
50
30
V
Emitter − Base Breakdown Voltage
(IE = 1.0 mA)
BC846 Series
BC847 Series
BC848 Series
V(BR)EBO
6.0
6.0
5.0
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
15
5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mA, VCE = 5.0 V)
BC846B, BC847B
BC847C, BC848C
(IC = 2.0 mA, VCE = 5.0 V)
BC846B, BC847B
BC847C, BC848C
hFE
200
420
150
270
290
520
475
800
Collector − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
0.25
0.6
V
Base − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.7
0.9
V
Base − Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base − Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
660
700
770
mV
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure
(IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB


Similar Part No. - BC846BPDW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BC846BPDW WEITRON-BC846BPDW Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
ON Semiconductor
BC846BPDW1 ONSEMI-BC846BPDW1 Datasheet
178Kb / 17P
   Dual General Purpose Transistors
October, 2013 ??Rev. 9
BC846BPDW1 ONSEMI-BC846BPDW1 Datasheet
142Kb / 17P
   Dual General Purpose Transistors
April, 2016 ??Rev. 12
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
More results

Similar Description - BC846BPDW

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
logo
Leshan Radio Company
LSSBTH10T1G LRC-LSSBTH10T1G Datasheet
550Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
LSBTH10T1G LRC-LSBTH10T1G Datasheet
552Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
LMBR0540T1G LRC-LMBR0540T1G Datasheet
255Kb / 5P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0520T1G LRC-LMBR0520T1G Datasheet
155Kb / 3P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR130T1G LRC-LMBR130T1G Datasheet
201Kb / 4P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0530T1G LRC-LMBR0530T1G Datasheet
203Kb / 4P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
logo
ON Semiconductor
NBXHGA017 ONSEMI-NBXHGA017 Datasheet
116Kb / 6P
   2.5/3.3 V, 156.25 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2010 ??Rev. 0
logo
Leshan Radio Company
L2SC1623QLT1G LRC-L2SC1623QLT1G Datasheet
300Kb / 5P
   General Purpose Transistors Pb-Free packkage is available
logo
ON Semiconductor
NBXSGA008 ONSEMI-NBXSGA008 Datasheet
117Kb / 6P
   2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com