Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTC62421 Datasheet(PDF) 2 Page - Epson Company

Part No. RTC62421
Description  4-bit REAL TIME CLOCK MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

RTC62421 Datasheet(HTML) 2 Page - Epson Company

  RTC62421 Datasheet HTML 1Page - Epson Company RTC62421 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
64
Real time clock module
CS1
CS0 or WR not occurred
CS1
1/5VDD
VDD
4V
4V
VIH2
VIH2
VIL2
VIL2
tCDR
tR
2 to 4V
Data storage mode
Interface possible
with external
terminals
Interface possible
with external
terminals
Data holding timing
Register table
32.768 kHz
WR
RD
D3
D2
D1
D0
A3
A2
A1
A0
CS0
ALE
CS1
OCS
G
A
T
E
G
A
T
E
G
A
T
E
&
L
A
T
C
H
D
E
C
O
D
E
R
SI to CF
COUNTER
1 Hz
RESET
bit
STOP
bit
HOLD
bit
BUSY
bit
64Hz
STD.P
1 sec carry
1 minute carry
1 hour carry
30s.ADJ
bit
30s.ADJ bit
24 / 12 bit
S1
S10
D1 D10
M10
H1 H10
Y1
Y10
W
M1
MO10
MO1
CD
CE
CF
VDD
Switching characteristics
Read mode
Write mode
VIH2
VIH2
VIH1
VIH1
VIH1
VIH1
VIL1
VIL1
VIL1
VIL1
VIH1
VIH1
VIH1
VIH1
VIL1
VIH1
VIL1
CS0
ALE
WR
A3 to A0
D3 to D0
(Input )
t C1H
t CIS
t AS
t RCV
t AH
t AW
t WAL
t ALW
tWW
tDS
tDH
CS1
VIH2
VIH2
VIH1
VIL1
VIH1
VIL1
VIL1
VIH1
VIH1
VOH
VOL
VIH1
VIH1
VIL1
CS0
ALE
RD
A3 to A0
D3 to D0
(output )
t CIH
t C1S
t AS
t RCV
t RD
t DR
t AH
t ALR
CS1
“Z”
Block diagram
Supplement
0=“L” level. 1=“H” level
Note: Do not enter erroneous data for clock. This may result in time keeping error.
( VDD = 5V ± 0.5V, Ta = -40 to + 85˚C)
( ALE = While in use)
t AW
t RAL
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
A3
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
A2
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
A1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
A0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Name of
register
S1
S10
MI1
MI10
H1
H10
D1
D10
MO1
MO10
Y1
Y10
W
CD
CE
CF
D3
s8
mi8
h8
d8
mo8
y8
y80
30 sec.
ADJ
t 1
TEST
D2
s4
s40
mi4
mi40
h4
PM/AM
d4
mo4
y4
y40
w4
IRQ
FLAG
t 0
24/12
D1
s2
s20
mi2
mi20
h2
h20
d2
d20
mo2
y2
y20
w2
BUSY
ITRPT
/STND
STOP
D0
s1
s10
mi1
mi10
h1
H10
d1
d10
mo1
mo10
y1
y10
w1
HOLD
MASK
RESET
Count
0 to 9
0 to 5
0 to 9
0 to 5
0 to 9
0 to 2
or
0 to 1
0 to 9
0 to 3
0 to 9
0 to 1
0 to 9
0 to 6
Note
1 - sec. digit register
10 - sec. digit register
1 - min. digit register
10 - min. digit register
1 - hour digit register
10 - hour digit register
1 - day digit register
10 - day digit register
1 - month digit register
10 - month digit register
1 - year digit register
10 - year digit register
Week register
Control register D
Control register E
Control register F
1
0
PM/AM
PM
AM
24/12
24
12
ITRPT/STND
ITRPT
STND
Bit name
∗ mark
BUSY
IRQ FLAG
24H/12H
TEST
Description
Writable. Recognized as 0 while in read mode.
Read only (effective only when HOLD=1)
Enter “0” only when clearing interruption. Enter “1” otherwise.
Set able only when RESET=1
For our company's testing. TEST should be “0” in normal use.
Item
CS1 setup time
CS1 hold time
Address setup time
Address hold time
ALE pulse width
ALE before WRITE
ALE before READ
ALE after WRITE
ALE after READ
WRITE pulse width
RD
__
to data
DATA hold
DATA setup time
DATA hold time
RD
__
/WR
___
recovery time
Symbol
tCIS
tCIH
tAS
tAH
tAW
tALW
tALR
tWAL
tRAL
tWW
tRD
tDR
tDS
tDH
tRCV
Condition
CL=150pF
Min.
1000
1000
25
25
40
10
10
20
10
120
0
100
10
60
Max.
120
45
Unit
ns


Similar Part No. - RTC62421

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTC6218 ETC1-RTC6218 Datasheet
420Kb / 20P
   FM Tuner
Connor-Winfield Corporation
Connor-Winfield Corpora...
RTC623 CONNOR-WINFIELD-RTC623 Datasheet
61Kb / 1P
   OSCILLATOR
More results

Similar Description - RTC62421

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
Epson Company
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
RTC-7301SF EPSON-RTC-7301SF Datasheet
104Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-7301SF EPSON-RTC-7301SF_15 Datasheet
268Kb / 2P
   REAL TIME CLOCK MODULE (4-bit)
RTC-72421 EPSON-RTC-72421_15 Datasheet
292Kb / 2P
   REAL TIME CLOCK MODULE (4-bit)
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTC72421 ETC-RTC72421 Datasheet
634Kb / 2P
   4-bit REAL TIME CLOCK MODULE
Epson ToYoCom
Epson ToYoCom
RTC-7301SF EPSONTOYOCOM-RTC-7301SF Datasheet
366Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-62421 EPSONTOYOCOM-RTC-62421 Datasheet
286Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-72421 EPSONTOYOCOM-RTC-72421 Datasheet
287Kb / 2P
   4-bit REAL TIME CLOCK MODULE
Epson Company
Epson Company
RTC-58321 EPSON-RTC-58321 Datasheet
235Kb / 2P
   Real time clock module(4-bit I/O CONNECTION REAL TIME CLOCK MODULE)
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com