Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1317A35-A4T2U4 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1317A35-A4T2U4
Description  Built-in overcurrent protection circuit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1317A35-A4T2U4 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1317A35-A4T2U4 Datasheet HTML 1Page - Seiko Instruments Inc S-1317A35-A4T2U4 Datasheet HTML 2Page - Seiko Instruments Inc S-1317A35-A4T2U4 Datasheet HTML 3Page - Seiko Instruments Inc S-1317A35-A4T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1317A35-A4T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1317A35-A4T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1317A35-A4T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1317A35-A4T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1317A35-A4T2U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
S-1317 Series
www.sii-ic.com
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR
WITH 0.35
μA SUPER LOW CURRENT CONSUMPTION
© SII Semiconductor Corporation, 2016
Rev.1.0_00
1
The S-1317 Series, developed by using the CMOS technology, is a positive voltage regulator IC, which features super low
current consumption and low dropout voltage. This IC has low current consumption of 0.35
μA typ. and high-accuracy output
voltage of
±1.0%. It is most suitable for use in portable equipment and battery-powered devices.
Features
• Output voltage:
1.0 V to 3.5 V, selectable in 0.05 V step
• Input voltage:
1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.0 V to 1.45 V output product: ±15 mV) (Ta = +25°C)
• Dropout voltage:
20 mV typ. (2.5 V output product, at IOUT = 10 mA) (Ta =
+25°C)
• Current consumption during operation:
0.35
μA typ. (Ta = +25°C)
• Output current:
Possible to output 100 mA (at VIN
≥ VOUT(S) + 1.0 V)
*1
• Input capacitor:
A ceramic capacitor can be used. (1.0
μF or more)
• Output capacitor:
A ceramic capacitor can be used. (1.0
μF to 100 μF)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Please make sure that the loss of the IC will not exceed the power dissipation when the output current is large.
Applications
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for portable communication device, digital camera, and digital audio player
• Constant-voltage power supply for home electric appliance
Packages
• SOT-23-5
• HSNT-4(1010)


Similar Part No. - S-1317A35-A4T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1317A30-A4T2U4 SII-S-1317A30-A4T2U4 Datasheet
2Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1317A30-A4T2U4 ABLIC-S-1317A30-A4T2U4 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
logo
Seiko Instruments Inc
S-1317A30-M5T1U4 SII-S-1317A30-M5T1U4 Datasheet
2Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1317A30-M5T1U4 ABLIC-S-1317A30-M5T1U4 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
More results

Similar Description - S-1317A35-A4T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1702 SII-S-1702 Datasheet
2Mb / 45P
   Built-in overcurrent protection circuit
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Sanken electric
SPF3006 SANKEN-SPF3006 Datasheet
52Kb / 2P
   Built-in drooping type overcurrent and thermal protection circuits
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
   Built-in Fold Back Protection Circuit
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
B59048A1080B110 EPCOS-B59048A1080B110 Datasheet
66Kb / 4P
   Overcurrent protection in MDF modules
logo
Shenzhenshi YONGFUKANG ...
HR4988 YONGFUKANG-HR4988 Datasheet
3Mb / 31P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
logo
Jiaxing Heroic Technolo...
HR4982 HEROIC-HR4982 Datasheet
426Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
HR4988 HEROIC-HR4988 Datasheet
429Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com