Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6314A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6314A
Description  3 Amp Adjustable Positive Step-down Integrated Switching Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6314A Datasheet(HTML) 3 Page - Texas Instruments

  PT6314A Datasheet HTML 1Page - Texas Instruments PT6314A Datasheet HTML 2Page - Texas Instruments PT6314A Datasheet HTML 3Page - Texas Instruments PT6314A Datasheet HTML 4Page - Texas Instruments PT6314A Datasheet HTML 5Page - Texas Instruments PT6314A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6100/6210/6300 Series
Adjusting the Output Voltage of Power Trends’
Wide Input Range Bus ISRs
The output voltage of the Power Trends’ Wide Input
Range Series ISRs may be adjusted higher or lower than
the factory trimmed pre-set voltage with the addition of a
single external resistor. Table 1 accordingly gives the
allowable adjustment range for each model for either
series as V
a (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained by
adding a resistor R2, between pin 12 (Vo adjust) and pins 5-8
(GND).
Adjust Down:
Add a resistor (R1), between pin 12 (Vo adjust)
and pins 9-11(Vout).
Figure 1
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas. Refer to
Figure 1 and Table 2 for both the placement and value of the
required resistor; either (R1) or R2 as appropriate.
Ro (Va – 1.25)
(R1)
=
Vo – Va
k
1.25 Ro
k
R2
=
Va – Vo
Where: Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value fromTable 1
Table 1
ISRADJUSTMENTRANGEANDFORMULAPARAMETERS
1Adc Rated
PT6102
PT6101
PT6103
2Adc Rated
PT6216
PT6213
PT6212
PT6214
3Adc Rated
PT6314
PT6303
PT6302
PT6304
Vo (nom)
1.5
3.3
5.0
5.0
12.0
Va (min)
1.3
1.8
1.88
2.18
2.43
Va (max)
1.9
6.07
11.25
8.5
22.12
Ro (kΩ
Ω)
8.25
66.5
150.0
90.9
243.0
R2
Adjust
Up
C1
1
µF Ceramic
(Optional)
C2
100
µF
(Req'd)
Vo
COM
COM
Vin
+
(R1)
Adj Down
PT6100/6200/6300
9,10,11
12
5,6,7,8
2,3,4
Vin
Vo
G N D
Vo(adj)
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo adjust to either GND
or Vout. Any capacitance added to the Vo adjust pin will
affect the stability of the ISR.
3. Adjustments to the output voltage may place additional
limits on the maximum and minimum input voltage for
the part. The revised maximum and minimum input
voltage limits must comply with the following
requirements. The limits are model dependant.
PT6216/PT6314:
Vin (max) = (10 x Va)V or 17V, whichever is less.
Vin (min) = 9.0V
All other models:
Vin (max) = (8 x Va)V or as specified.
Vin (min) = (Va + 4)V or 9V, whichever is greater.


Similar Part No. - PT6314A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6314A TI-PT6314A Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results

Similar Description - PT6314A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6312B TI1-PT6312B Datasheet
386Kb / 3P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6210 TI-PT6210 Datasheet
178Kb / 5P
[Old version datasheet]   2 Amp Adjustable Positive Step-down Integrated Switching Regulator
PT6313 TI-PT6313 Datasheet
373Kb / 2P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
78ST300 TI-78ST300 Datasheet
190Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST305 TI1-78ST305 Datasheet
207Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com