Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1142BB0H-E6T2U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-1142BB0H-E6T2U
Description  Built-in thermal shutdown circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142BB0H-E6T2U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1142BB0H-E6T2U Datasheet HTML 5Page - Seiko Instruments Inc S-1142BB0H-E6T2U Datasheet HTML 6Page - Seiko Instruments Inc S-1142BB0H-E6T2U Datasheet HTML 7Page - Seiko Instruments Inc S-1142BB0H-E6T2U Datasheet HTML 8Page - Seiko Instruments Inc S-1142BB0H-E6T2U Datasheet HTML 9Page - Seiko Instruments Inc S-1142BB0H-E6T2U Datasheet HTML 10Page - Seiko Instruments Inc S-1142BB0H-E6T2U Datasheet HTML 11Page - Seiko Instruments Inc S-1142BB0H-E6T2U Datasheet HTML 12Page - Seiko Instruments Inc S-1142BB0H-E6T2U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT 105
°C OPERATION CMOS VOLTAGE REGULATOR
Rev.2.2_01
S-1142A/BxxH Series
9
Table 8 (2 / 2)
(Tj =
−40°C ~ +125°C, Ta = −40°C ~ +105°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
ON / OFF pin
input voltage "H"
VSH
VIN = 13.5 V,
RL = 1.0 k
Ω, determined
by VOUT output level
2.0 V
≤ VOUT(S) < 12.5 V
1.5
V
4
VIN = VOUT(S)
+ 1.0 V,
RL = 1.0 k
Ω, determined
by VOUT output level
12.5 V
≤ VOUT(S) ≤ 15.0 V
1.5
V
4
ON / OFF pin
input voltage "L"
VSL
VIN = 13.5 V,
RL = 1.0 k
Ω, determined
by VOUT output level
2.0 V
≤ VOUT(S) < 12.5 V
0.3
V
4
VIN = VOUT(S)
+ 1.0 V,
RL = 1.0 k
Ω, determined
by VOUT output level
12.5 V
≤ VOUT(S) ≤ 15.0 V
0.3
V
4
ON / OFF pin
input current "H"
ISH
VIN = 13.5 V,
VON / OFF = 13.5 V
2.0 V
≤ VOUT(S) < 12.5 V
−0.1
0.1
μA
4
VIN = VOUT(S)
+ 1.0 V,
VON / OFF = 13.5 V
12.5 V
≤ VOUT(S) ≤ 15.0 V −0.1
0.1
μA
4
ON / OFF pin
input current "L"
ISL
VIN = 13.5 V,
VON / OFF = 0 V
2.0 V
≤ VOUT(S) < 12.5 V
−0.1
0.1
μA
4
VIN = VOUT(S)
+ 1.0 V,
VON / OFF = 0 V
12.5 V
≤ VOUT(S) ≤ 15.0 V −0.1
0.1
μA
4
Ripple rejection
|RR|
VIN = 13.5 V,
f = 100 Hz,
ΔVrip = 0.5 Vrms,
IOUT = 30 mA,
Ta =
+25°C
2.0 V
≤ VOUT(S) < 2.3 V
50
dB
5
2.3 V
≤ VOUT(S) < 3.6 V
45
dB
5
3.6 V
≤ VOUT(S) < 6.1 V
40
dB
5
6.1 V
≤ VOUT(S) < 10.1 V
35
dB
5
10.1 V
≤ VOUT(S) < 12.5 V
30
dB
5
VIN = VOUT(S)
+ 1.0 V,
f = 100 Hz,
ΔVrip = 0.5 Vrms,
IOUT = 30 mA,
Ta =
+25°C
12.5 V
≤ VOUT(S) ≤ 15.0 V
30
dB
5
Short-circuit
current
Ishort
VIN = 13.5 V,
ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
2.0 V
≤ VOUT(S) < 12.5 V
80
mA
3
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
12.5 V
≤ VOUT(S) ≤ 15.0 V
80
mA
3
Thermal shutdown
detection
temperature
TSD
Junction temperature
150
°C
Thermal shutdown
release
temperature
TSR
Junction temperature
125
°C
*1.
VOUT(S): Set output voltage
VOUT(E): Actual output voltage
The output voltage when fixing IOUT (= 30 mA) and inputting 13.5 V or VOUT(S)
+ 1.0 V.
*2.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3.
Vdrop = VIN1
− (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 2.0 V, and IOUT = 100 mA or 200 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4.
The output current can be at least this value.
Due to limitation of the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-1142BB0H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1142B20H-E6T2U SII-S-1142B20H-E6T2U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S-1142B20I-E6T1U SII-S-1142B20I-E6T1U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142B20I-E6T1U ABLIC-S-1142B20I-E6T1U Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142B25H-E6T2U SII-S-1142B25H-E6T2U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S-1142B25I-E6T1U SII-S-1142B25I-E6T1U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1142BB0H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D33A-E6T2U SII-S-1142D33A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
logo
Sanken electric
SLA2602M SANKEN-SLA2602M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
SLA2601M SANKEN-SLA2601M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
logo
Rohm
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
   Built-in thermal protection
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
logo
STMicroelectronics
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com